Electronic Components Datasheet Search
  English  ▼

X  

ADP3196 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3196 Datasheet HTML 7Page - Analog Devices ADP3196 Datasheet HTML 8Page - Analog Devices ADP3196 Datasheet HTML 9Page - Analog Devices ADP3196 Datasheet HTML 10Page - Analog Devices ADP3196 Datasheet HTML 11Page - Analog Devices ADP3196 Datasheet HTML 12Page - Analog Devices ADP3196 Datasheet HTML 13Page - Analog Devices ADP3196 Datasheet HTML 14Page - Analog Devices ADP3196 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP3196
Rev. 0 | Page 11 of 20
MASTER CLOCK FREQUENCY
The clock frequency of the ADP3196 is set with an external
resistor connected from the RT pin to ground. The frequency
follows the graph in Figure 6. To determine the frequency per
phase, the clock is divided by the number of phases in use. If all
phases are in use, divide by 4. If PWM4 is tied to VCC, then
divide the master clock by 3 for the frequency of the remaining
phases. If PWM3 and PWM4 are tied to VCC, then divide by 2.
OUTPUT VOLTAGE DIFFERENTIAL SENSING
The ADP3196 combines differential sensing with a high
accuracy VID DAC and reference and a low offset error
amplifier. This maintains a worst-case specification of ±10 mV
differential sensing error over its full operating output voltage
and temperature range. The output voltage is sensed between
the FB pin and the FBRTN pin. Pin FB should be connected
through a resistor to the regulation point, usually the remote
sense pin of the microprocessor. Pin FBRTN should be
connected directly to the remote sense ground point. The
internal VID DAC and precision reference are referenced to
FBRTN, which has a minimal current of 65 μA to allow
accurate remote sensing. The internal error amplifier compares
the output of the DAC to the FB pin to regulate the output
voltage.
OUTPUT CURRENT SENSING
The ADP3196 provides a dedicated current sense amplifier
(CSA) to monitor the total output current for proper voltage
positioning vs. load current and for current limit detection.
Sensing the load current at the output gives the total average
current being delivered to the load, which is an inherently more
accurate method than peak current detection or sampling the
current across a sense element, such as the low-side MOSFET.
This amplifier can be configured several ways depending on the
objectives of the system as follows:
•
Output inductor DCR sensing without a thermistor for
lowest cost
•
Output inductor DCR sensing with a thermistor for
improved accuracy with tracking of inductor temperature
•
Sense resistors for highest accuracy measurements
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the
sensing element, such as the switch node side of the output
inductors, to the inverting input, CSSUM. The feedback resistor
between CSCOMP and CSSUM sets the gain of the amplifier,
and a filter capacitor is placed in parallel with this resistor. The
gain of the amplifier is programmable by adjusting the feedback
resistor.
An additional resistor divider connected between CSREF and
CSCOMP, with the midpoint connected to LLSET, can be used
to set the load line required by the microprocessor. The current
information is then given as CSREF – LLSET. This difference
signal is used internally to offset the VID DAC for voltage
positioning. The difference between CSREF and CSCOMP is then
used as a differential input for the current-limit comparator. This
allows the load line to be set independent of the current-limit
threshold. In the event that the current-limit threshold and load
line are not independent, the resistor divider between CSREF and
CSCOMP can be removed and the CSCOMP pin can be directly
connected to the LLSET pin. To disable voltage positioning entirely
(that is, no load line), connect LLSET to CSREF.
To provide the best accuracy for sensing current, the CSA is
designed to have a low offset input voltage. In addition, the
sensing gain is determined by external resistors to make it
extremely accurate.
ACTIVE IMPEDANCE CONTROL MODE
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output
current at the LLSET pin can be scaled to be equal to the droop
impedance of the regulator times the output current. This
droop voltage is then used to set the input control voltage to the
system. The droop voltage is subtracted from the DAC
reference input voltage directly to tell the error amplifier where
the output voltage should be. This allows enhanced feed forward
response.
CURRENT CONTROL MODE AND THERMAL
BALANCE
The ADP3196 has individual inputs (SW1 to SW4) for each
phase that are used for monitoring the current in each phase.
This information is combined with an internal ramp to create a
current balancing feedback system that has been optimized for
initial current balance accuracy and dynamic thermal balancing
during operation. This current balance information is independent
of the average output current information used for positioning
described previously in the Output Current Sensing section.
The magnitude of the internal ramp can be set to optimize the
transient response of the system. It also monitors the supply
voltage for feed forward control for changes in the supply. A
resistor connected from the power input voltage to the
RAMPADJ pin determines the slope of the internal PWM ramp.
External resistors can be placed in series with individual phases
to create an intentional current imbalance, if desired, such as
when one phase has better cooling and can support higher
currents. Resistors RSW1 through RSW4 (see Figure 11) can be
used for adjusting thermal balance. It is best to have the ability
to add these resistors during the initial design, therefore, ensure
that placeholders are provided in the layout.
To increase the current in any given phase, make RSW for that
phase larger (make RSW = 0 for the hottest phase and do not
change during balancing). Increasing RSW to only 500 Ω makes
a substantial increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the coolest
phase first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com