Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 35Page - Infineon Technologies AG XDP710 Datasheet HTML 36Page - Infineon Technologies AG XDP710 Datasheet HTML 37Page - Infineon Technologies AG XDP710 Datasheet HTML 38Page - Infineon Technologies AG XDP710 Datasheet HTML 39Page - Infineon Technologies AG XDP710 Datasheet HTML 40Page - Infineon Technologies AG XDP710 Datasheet HTML 41Page - Infineon Technologies AG XDP710 Datasheet HTML 42Page - Infineon Technologies AG XDP710 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Figure 8
XDP710's Control loop block diagram
4.1.4.1.2
Setting OC and IST levels
 
In XDP710 FDM the current sense (CS) range and overcurrent (OC) level are set digitally by means of CS_RNG
bits in I_SNS_CFG PMBus command.
 
Table 17
CS_RNG values
CS_RNG[1:0]
OC Level
(mV)
00
12.5
01
25
10
50
11
100
If required, the Non-RMS and RMS OC levels can be trimmed by CS_RNG_TRIM.
The start-up current limit (IST) through the FET is set digitally using dedicated START_ILIM bits in I_SNS_CFG
command:
 
Table 18
START_ILIM current limit
START_ILIM[2:0]
Start-up current limit (IST)
000
100% of OC level (disabled, default)
001
87.5% of OC level
010
75% of OC level
011
62.5% of OC level
100
50% of OC level
(table continues...)
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
4 Product Features
Datasheet
39
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com