Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 17Page - Infineon Technologies AG XDP710 Datasheet HTML 18Page - Infineon Technologies AG XDP710 Datasheet HTML 19Page - Infineon Technologies AG XDP710 Datasheet HTML 20Page - Infineon Technologies AG XDP710 Datasheet HTML 21Page - Infineon Technologies AG XDP710 Datasheet HTML 22Page - Infineon Technologies AG XDP710 Datasheet HTML 23Page - Infineon Technologies AG XDP710 Datasheet HTML 24Page - Infineon Technologies AG XDP710 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Table 9
(continued) Electrical characteristics
VDD_VIN - GND = 48 V, VISNS_P = VDD_VIN, V
ΔISNS =(VISNS_P-VISNS_N)=0V,TJ=−40°Cto+125°C,unlessotherwise
noted.
Parameter
Symbol
Values
Unit
Note or condition
Min. Typ. Max.
On-chip
temperature
monitored
range
 
-40
–
150
°C
 
On-chip
temperature
measurement
accuracy
 
-5
–
5
°C
 
Temperature
measurements
accuracy
 
–
±4.0
±12.5 °C
Sourcing currents in TSNS_P pin.
Sense the voltage between TSNS_P & TSNS_N
pins.
External transistor is: MMBT3904.
VREG
Output voltage VREG
4.7
5.0
5.3
V
9 V ≤ VDD_VIN ≤ 80 V.
CVREG = 1
μF.
Internal load + external load.
Package maximum power dissipation limit
(PPAK) must not be violated.
Output voltage VREG
4.5
–
–
V
5.5 V ≤ VDD_VIN ≤ 9 V.
CVREG = 1
μF.
Internal load + external load.
Package maximum power dissipation limit
(PPAK) must not be violated.
Current
capability to
supply external
load
IREG
–
–
10
mA
 
PWRGD, GPOx, FAULT, WARN
Output low
voltage
 
–
–
0.4
V
At 10 mA
Leakage
current
 
–
–
5
µA
At 5.5 V, output is HiZ.
Current sink
capability
 
–
–
10
mA
 
SDAI, SDAO, SCL
Input high
voltage
 
2.0
–
–
V
 
(table continues...)
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
3 General Product Characteristics
Datasheet
21
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com