Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 1 Page - Infineon Technologies AG

  XDP710 Datasheet HTML 1Page - Infineon Technologies AG XDP710 Datasheet HTML 2Page - Infineon Technologies AG XDP710 Datasheet HTML 3Page - Infineon Technologies AG XDP710 Datasheet HTML 4Page - Infineon Technologies AG XDP710 Datasheet HTML 5Page - Infineon Technologies AG XDP710 Datasheet HTML 6Page - Infineon Technologies AG XDP710 Datasheet HTML 7Page - Infineon Technologies AG XDP710 Datasheet HTML 8Page - Infineon Technologies AG XDP710 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
Features
•
Compatible with Infineon’s OptiMOSTM
•
Compatible with Infineon’s Linear FET
•
Wide input voltage range: 5.5 V to 80 V
•
Transient withstand: up to 100 V for 500 ms
•
Dedicated current and voltage ADCs: 12-bit
•
Programmable and pre-set FET active SOA protection
•
Integrated gate driver and charge pump for external N-Channel MOSFET
•
Configurable fast FET's shut down: two step turn-off or 1.5 A pull-down current
•
PMBus interface: 1 MHz
•
Precision input and output voltage monitoring and reporting: ≤1%
•
Precision FET's current monitoring and reporting: ≤ 1%
•
Precision input power monitoring and reporting: ≤ 2%
•
Energy monitoring and reporting
•
Programmable input and output OV and UV protections
•
Support for external temperature sensor and OT protection
•
Sequential turn-on capability
•
29-lead (6 mm x 6 mm) VQFN package
•
-40°C to 125°C junction temperature
Potential applications
•
Server and datacenter
•
24 V - 48 V Industrial systems
•
Power distribution systems
•
Intelligent e-fuse
•
Network router and switches
Description
XDP710 is a wide input voltage Hot Swap and System monitoring Controller IC that drives a single or multiple
parallel N-Channel MOSFETs. In addition to a controlled turn ON, XDP710 provides continuous system health
monitoring and communication to the main MCU via PMBus interface. The high speed communication through
PMBus allows system designers to disable the downstream sub-systems fully or partially.
It incorporates an extensive variety of system protections for safety operation and generates various protection
responses depending on the severity of the incident. Latch off, reset, system shutdown and retry are some
examples of response types. Its SOA protection effectively ensures that the system FET always operates under
safe condition.
Datasheet
Please read the sections "Important notice" and "Warnings" at the end of this document
Rev. 2.0
www.infineon.com
2022-11-22


Similar Part No. - XDP710

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XDP710-002 INFINEON-XDP710-002 Datasheet
1Mb / 89P
Hot-swap Controller Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
Rev. 1.0 2024-01-15
XDP710002XUMA1 INFINEON-XDP710002XUMA1 Datasheet
1Mb / 89P
Hot-swap Controller Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
Rev. 1.0 2024-01-15
More results

Similar Description - XDP710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Nexperia B.V. All right...
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
logo
Bel Fuse Inc.
XRAE-01E1A0 BEL-XRAE-01E1A0 Datasheet
1,007Kb / 12P
Wide Input Voltage Range 5.5 VDC ??13.8 VDC
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com