Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 36Page - Infineon Technologies AG XDP710 Datasheet HTML 37Page - Infineon Technologies AG XDP710 Datasheet HTML 38Page - Infineon Technologies AG XDP710 Datasheet HTML 39Page - Infineon Technologies AG XDP710 Datasheet HTML 40Page - Infineon Technologies AG XDP710 Datasheet HTML 41Page - Infineon Technologies AG XDP710 Datasheet HTML 42Page - Infineon Technologies AG XDP710 Datasheet HTML 43Page - Infineon Technologies AG XDP710 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
Table 18
(continued) START_ILIM current limit
START_ILIM[2:0]
Start-up current limit (IST)
101
37.5% of OC level
110
25% of OC level
111
12.5% of OC level
 
In AADM, the default OC range and the start-up current limit (IST) through the FET can be set by means of a
voltage on IST pin. If settings different than the ones in Table 19 are desired, they can be configured manually in
the corresponding PMBus commands.
Table 19
IST pin configuration
IST pin voltage, V
OC level, mV
Start-up current limit (IST)
IST > 2.8 (Open)
25
Set by START_ILIM bits in
I_SNS_CFG command
2.2 < IST ≤ 2.8
50% of OC level (25mV)
1.7 < IST ≤ 2.2
25% of OC level (25mV)
1.3 < IST ≤ 1.7
12.5% of OC level (25mV)
0.9 < IST ≤ 1.3
12.5
12.5% of OC level (12.5mV)
0.6 < IST ≤ 0.9
25% of OC level (12.5mV)
0.3 < IST ≤ 0.6
50% of OC level (12.5mV)
IST ≤ 0.3 (GND)
Set by START_ILIM bits in
I_SNS_CFG command
Setting the voltage level (between 0.3 V and 2.8 V) at IST pin shall be done using external resistor connected to
GND.
To set the desired voltage level at the pin, choose the resistor by simply dividing desired voltage over sourced
pin current (100
μA±7%).
The 1% (or lower) tolerant resistors are recommended in this case. For example:
 
Table 20
IST pin resistor
Voltage, V
IST pin resistor, k
Ω
2.49
24.9
1.96
19.6
1.5
15
1.1
11
0.75
7.5
0.453
4.53
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
4 Product Features
Datasheet
40
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com