Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 45Page - Infineon Technologies AG XDP710 Datasheet HTML 46Page - Infineon Technologies AG XDP710 Datasheet HTML 47Page - Infineon Technologies AG XDP710 Datasheet HTML 48Page - Infineon Technologies AG XDP710 Datasheet HTML 49Page - Infineon Technologies AG XDP710 Datasheet HTML 50Page - Infineon Technologies AG XDP710 Datasheet HTML 51Page - Infineon Technologies AG XDP710 Datasheet HTML 52Page - Infineon Technologies AG XDP710 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
•
Input voltage suddenly increases generating a certain VDS meanwhile the output cap is charged up to the
new voltage level
•
RDSON is too high
•
During I_REG state after an OC event, VDS has to increase too much in order to keep the current at an
appropriate level
In this scenario, the SOAD_TMR[1:0] deglitch timer starts. If FET VDS and IDS go back within the SOA limits before
the timer expires, the system continues normal operation in ON state. Otherwise the SOAR_TMR[2:0] regulation
timer starts while the system continues to regulate the current to stay within the SOA limits. If SOAR condition
is cleared before this second timer expires, system goes back to ON state. If it persists, a SOA regulation fault is
triggered and FET is opened with a regular pull-down.
If the regulated current through the FET goes below a level of 1 A, regulation stops, FET is turned off and a SOAR
fault is declared.
The system will retry power-up after a cool down period according to RETRY command settings.
Note: The SOAR fault disabling means that a fault is never triggered and FET is never turned off in case of a SOA
limits violation. It is recommended to keep the SOAR fault enabled for safety reasons.
 
 
Overtemperature (OT) Fault 
 
If, during STANDBY, INIT_SOA_REG, normal operation or FAULT, the temperature measured between the TSNS_P
and TSNS_N pins raises above the OT_FAULT_LIMIT value, a fault is triggered and FET is opened with a regular
pull-down.
XDP710 waits until FET is completely turned off, then keeps monitoring the FET temperature and stays in the
FAULT state until it drops below OT_FAULT_LIMIT - 12°C. In this case, the power-up sequence initiates, FAULT pin
deasserts and PWRGD pin asserts as soon as the necessary conditions are met.
 
On-chip Thermal Shut-down (TSD) Fault
 
XDP710 has an on-chip temperature sensor with a programmable fault limit of TTS_UTH. If die temperature
exceeds this value, a fault is triggered and FET is opened with a regular pull-down. XDP710 waits until FET is
completely turned-off, then remains idle in the FAULT state until the temperature drops below TTS_LTH (which is
equivalent to TTS_UTH - 10°C), at which point the power-up procedure is started.
4.2.6
Power-up faults
 
Unsuccessful Power-up (Watchdog, WD) Fault
 
The watchdog timer can be configured from 10 ms to 10000 ms by means of the WATCHDOG[2:0] bits. Its
configurable steps are compliant with common SOA lines so that protection can be implemented according to
the maximum allowed timer for a specific VDS vs IDS scenario. It starts running as soon as power-up procedure
starts in the INIT_SOA_REG state. If FET is not fully enhanced (VDS < 1.0 V and VGS > 7.8 V) before the timer
expires, a WD fault is triggered and FET is turned-off with a regular pull-down.
A power-up is retried according to the RETRY command settings, in which case, the FAULT pin is cleared when
leaving FAULT state before any retry attempt. The corresponding status bit remains set until it is manually
cleared or device is restarted or power cycled.
 
Unsuccessful Retry (UR) Fault
 
The UR fault can only occur in FAULT state when the retry counter expires after one of the retry fault events
(SOC, OUV, WD, OC, SOAR). The retry counter decrements on each retry event. If it reaches a value of zero
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
4 Product Features
Datasheet
49
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com