Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 48Page - Infineon Technologies AG XDP710 Datasheet HTML 49Page - Infineon Technologies AG XDP710 Datasheet HTML 50Page - Infineon Technologies AG XDP710 Datasheet HTML 51Page - Infineon Technologies AG XDP710 Datasheet HTML 52Page - Infineon Technologies AG XDP710 Datasheet HTML 53Page - Infineon Technologies AG XDP710 Datasheet HTML 54Page - Infineon Technologies AG XDP710 Datasheet HTML 55Page - Infineon Technologies AG XDP710 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
Table 25
(continued) Warnings during operation states
WARNING
NAME
State of controller
POR_
INIT
READ_
CFG
CHK_
FET
STANDBY
INIT_
SOA_RE
G
ON
I_REG
FAULT
MEM_FA
ULT/
LATCH_O
FF
VGSL
--
--
--
--
--
X
--
--
--
OT
--
--
--
X
X
X
X
X
--
TSD
--
--
--
X
X
X
X
X
--
UV
--
--
--
X
X
X
X
X
--
OV
--
--
--
X
X
X
X
X
--
OOV
--
--
--
X
X
X
X
X
--
OUV
--
--
--
--
--
X
X
--
--
SOAR
--
--
--
--
--
X
X
--
--
OUC
--
--
--
--
--
X
X
--
--
OOC
--
--
--
--
--
X
X
--
--
INeg
--
--
--
--
--
X
X
--
--
OP
--
--
--
--
X
X
X
--
--
COM
--
--
--
X
X
X
X
X
X
 
The following figure shows flow of all warnings.
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
4 Product Features
Datasheet
52
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com