Electronic Components Datasheet Search
  English  ▼

X  

XDP710 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XDP710
Description  Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XDP710 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XDP710 Datasheet HTML 72Page - Infineon Technologies AG XDP710 Datasheet HTML 73Page - Infineon Technologies AG XDP710 Datasheet HTML 74Page - Infineon Technologies AG XDP710 Datasheet HTML 75Page - Infineon Technologies AG XDP710 Datasheet HTML 76Page - Infineon Technologies AG XDP710 Datasheet HTML 77Page - Infineon Technologies AG XDP710 Datasheet HTML 78Page - Infineon Technologies AG XDP710 Datasheet HTML 79Page - Infineon Technologies AG XDP710 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
5.9
Calculating PMBus direct format limits from "real world" values
and vice-versa
 
Voltage
 
Voltage limits calculations are straight forward using the formulas and coefficients specified in . As an example,
the VIN_OV_FAULT_LIMIT is taken.
System characteristics and configuration:
VTLM_RNG = 88 V
Based on VTLM_RNG value, from the coefficients table:
m = 4653
b = 0
R = -2
For a VIN_OV_FAULT_LIMIT of 64 V, the following formula is applied:
 
Y= mX+b *10R
Equation 18
Y= 4653*64+0 *10−2
Equation 19
Y=2978=0xBA2
Equation 20
So the value to be programmed in VIN_OV_FAULT_LIMIT is 0xBA2.
To convert from PMBus direct format to "real world" value, let's suppose the value from the ADC in the
READ_VIN command is 0x8B9 = 2233 decimal. System characteristics, configuration and coefficients are the
same as above. The following formula is applied:
X= 1m* Y*10−R−b
Equation 21
X= 14653* 2233*102−0
Equation 22
X=48V
Equation 23
 
Current
 
XDP710 Hot-swap Controller
Wide input voltage range (5.5 V to 80 V) system monitoring and protection IC
5 Application Information
Datasheet
76
Rev. 2.0
2022-11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com