Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 3 Page - Allegro MicroSystems

  A19302PUBATN-RPE Datasheet HTML 1Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 2Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 3Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 4Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 5Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 6Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating section; potential between pin 1 and pin 2
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
–40 to 160
°C
Junction Temperature
TJ(max)
175
°C
Storage Temperature
Tstg
–65 to 170
°C
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Test Conditions
Value (Typ.)
Unit
Nominal Capacitance
CSUPPLY
Connected between pin 1 and pin 2 (refer to Figure 2)
2.2
nF
Figure 2: Typical Application Circuit
VCC
GND
RL
IC
VOUT = ICC × RL
CL
A19302
1
2
SPECIFICATIONS
PINOUT DIAGRAM
UB Package,
2-Pin SIP Pinout Diagram
PINOUT TABLE
Name
Number
Function
VCC
1
Supply Voltage
GND
2
Ground
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com