| Electronic Components Datasheet Search |
|
A19302PUBATN-RPE Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19302PUBATN-RPE Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 17 page ![]() The A19302 is an optimized Hall-effect integrated circuit (IC) with the option for PW- or AK-protocol two-wire interface, ideal for applications requiring the determination of speed and direction of the sensed target. The small package includes an integrated capacitor and Hall-based IC in a single overmolded design, with an additional molded lead-stabilizing bar for robust shipping and ease of assembly. The IC’s SolidSpeed Digital Architecture provides highly accurate speed and rotational direction detection. The intelligent algorithms provide signal optimization and compensation capable of maintaining stable operation in the harsh automotive environments common to wheel speed applications. The A19302 was developed in accordance with ISO 26262 as a hardware safety element out of context with ASIL B(D) capability for use in automotive safety-related systems when integrated and used in the manner prescribed in the applicable safety manual and datasheet. Integrated EEPROM memory allows traceability of the device throughout the product lifecycle. The IC is offered in the UB package, which integrates the IC and a high temperature ceramic capacitor in a single overmolded SIP package for enhanced EMC performance. The 2-pin SIP package is lead (Pb) free, with tin leadframe plating. A19302-DS, Rev. 5 MCO-0000789 • Hall-effect technology allows ease of use for ring magnet and ferromagnetic target sensing • PW and AK Protocol provides speed and direction information, signal integrity, and functional status • Integrated capacitor in a single overmolded miniature package provides greater EMC robustness • SolidSpeed Digital Architecture supports advanced algorithms, maintaining pitch accuracy during dynamic air gap disturbances • ISO 26262 ASIL B(D) with integrated diagnostics and certified safety design process • EEPROM enables traceability throughout the product life cycle High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC Figure 1: Functional Block Diagram A19302 Oscillator EEPROM Digital Controller L-C Output Regulator VCC ADC ADC C-R VCC GND ESD Output Current Generator FEATURES AND BENEFITS DESCRIPTION December 9, 2021 PACKAGE: Not to scale 2-Pin SIP (suffix UB) 2 - |
Similar Part No. - A19302PUBATN-RPE |
|
Similar Description - A19302PUBATN-RPE |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |