Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 10Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 11Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 12Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 13Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 14Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
BOP
BOP
BRP
BRP
Device Orientation
to Target
Package Case Branded Face
Target Magnetic Profile
+B
–B
Mechanical Position (Target moves past device pin 1 to pin 2)
Target
(Radial Ring Magnet)
IC Internal Differential Analog Signals, BDIFF
Detected Channel Switching
Output Events
(Pin 2 Side)
(Pin 1 Side)
(Top View of
Package Case)
IC
This pole
sensed later
This pole
sensed earlier
N
SS
Channel A
Channel A
Channel B
Channel B
Package Case Branded Face
(Pin 2 Side)
(Pin 1 Side)
(Top View of
Package Case)
Back-Biasing Magnet
This tooth
sensed
earlier
This tooth
sensed
later
Device Orientation to Target
Mechanical Position (Target moves past device pin 1 to pin 2)
Target
(Gear)
+B
Target Magnetic Profile
IC
South Pole
North Pole
BOP
BOP
BRP
BRP
IC Internal Differential Analog Signals, BDIFF
Detected Channel Switching
Output Events
Channel A
Channel A
Channel B
Channel B
Figure 10:BasicOperation
Channel A or Channel B can be used as the output switching
channel. This is determined on startup by the first channel
that switches. The non-switching channel is used for direction
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com