Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A19302PUBATN-RPE Datasheet HTML 6Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 10Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 11Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 12Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 13Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
DESCRIPTION OF AK PROTOCOL
The A19302 will fulfill the requirements according to the AK
protocol specification “Requirement Specifications for Standard-
ized Interface for Wheel Speed Sensors with Additional Infor-
mation ‘AK-Protokoll’” version 4.0 with some modifications as
discussed in the following.
AK BIT DEFINITIONS
The AK protocol (-xAx variant) consists of 10 pulses. A single
speed pulse, 8 data bits, and a single parity bit. The speed pulse
and data bit definitions are described below.
Field
Abbreviation
Coding
Speed Pulse
SP
ICC(HIGH) if speed pulse, ICC(MID) if standstill pulse
Bit Number
Field
Abbreviation
Coding
Post-Power-On
Default Value
0
Air Gap Reserve
LR
1 if Gpkpk < BLR(pk-pk), 0 otherwise
0
1
Status Mode
M
1 if not in running mode, 0 otherwise
1
2
Overtemperature
OT
1 if overtemperature, 0 otherwise
0
3
Validity of the Direction of Rotation
GDR
1 if direction is valid, 0 otherwise
0
4
Direction
DR
1 if forward rotation, 0 if reverse rotation
0
5
Air Gap Indication
LM0
LM LSB
0
6
Air Gap Indication
LM1
LM
0
7
Air Gap Indication
LM2
LM MSB
0
8
Parity
P
1 if parity incl. parity bit is even, 0 otherwise
1
LM AIR GAP TABLE
Data bits [5:7] report the air gap indication. These bits give 8 air
gap ranges in respect to the measured peak to peak magnetic field
(BDIFF(pk-pk)).
LM2
LM1
LM0
Threshold
Value (Typ.)
Units
0
0
0
≤ 12
G
0
0
1
> 12
G
0
1
0
> 18
G
0
1
1
> 24
G
1
0
0
> 36
G
1
0
1
> 54
G
1
1
0
> 78
G
1
1
1
> 111
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com