Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 4 Page - Allegro MicroSystems

  A19302PUBATN-RPE Datasheet HTML 1Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 2Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 3Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 4Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 5Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 6Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit
ELECTRICAL SUPPLY CHARACTERISTICS
Supply Voltage [2]
VCC
Potential between
pin 1 and pin 2
-xBx and -xPx variants
4
–
24
V
-xAx variant
5.2
–
24
V
UVLO Hysteresis
VHYS(AK)
-xAx variant
1.1
–
–
V
Reverse Supply Current [3]
IRCC
VCC = VRCC(max)
–10
–
–
mA
Supply Zener Clamp Voltage
VZsupply
ICC = 36.6 mA
28
–
–
V
Supply Current
ICC(LOW)
Low-current state
5.9
7
8.4
mA
ICC(MID)
Mid-current state
12
14
16
mA
ICC(HIGH)
High-current state
23.52
28.0
33.6
mA
Supply Current Ratio [4]
ICC(MID) /
ICC(LOW)
Measured as ratio of mid current to low current
(isothermal)
1.9
–
–
–
ICC(HIGH) /
ICC(LOW)
Measured as ratio of high current to low current
(isothermal)
3.6
–
–
–
ASIL Safety Current
IFAULT
Refer to Figure 14
1.5
3.5
3.9
mA
Output Rise/Fall Time
tr, tf
Voltage measured at pin 2 in Figure 2;
RL = 100 Ω, CL = 10 pF, measured between
10% and 90% of ICC(LOW) and ICC(MID)
(-xBx and -xPx variants)
0
–
1.5
μs
Slew Rate
SR
Measured at pin 2 in Figure 2; RL = 50 Ω,
CL = 10 pF, measured between 10% and 90%
of ICC(LOW) and ICC(HIGH) or ICC(LOW) and ICC(MID)
(-xAx variant)
8
–
28
mA/µs
Overtemperature Threshold
TJF
Junction temperature that sets AK OT bit
(-xAx variant)
–
175
–
°C
Overtemperature Hysteresis
TJHYS
Junction overtemperature threshold hysteresis
(-xAx variant)
–
15
–
°C
POWER-ON CHARACTERISTICS
Power-On State
POS
VCC > VCC(min), as connected in Figure 2
ICC(LOW)
mA
Power-On Time [5]
tPO
VCC > VCC(min), as connected in Figure 2
–
0.25
1
ms
OPERATING CHARACTERISTICS AND PERFORMANCE
Operating Differential Magnetic Input [6] BDIFF(pk-pk)
Peak-to-peak of differential magnetic input
(TA = 160°C)
20
–
–
G
Operating Differential Magnetic Range[6]
BDIFF
Refer to Figure 6
–700
–
700
G
Operating Magnetic Input
Signal Variation
∆BDIFF(pk-pk)
Bounded amplitude ratio within TWINDOW [7];
no missed output transitions or flat line condition;
possible incorrect direction information;
see Figure 4 and Figure 5
0.4
–
–
–
Operating Magnetic Input
Signal Window
TWINDOW
Rolling window where ∆BDIFF(pk-pk) cannot exceed
bounded ratio; see Figure 4 and Figure 5
4
–
–
TCYCLE
Calibration Period
TCAL
Period between power-on and valid speed and
correct direction output (f ≤ 200 Hz)
–
–
1.5
TCYCLE
Operate Point
BOP
% of peak-to-peak IC-processed signal
–
60
–
%
Release Point
BRP
% of peak-to-peak IC-processed signal
–
40
–
%
Switch Point Separation
BDIFF(SP-SEP)
Required amount of amplitude separation between
channelAand channel B at each BOP and BRP
occurrence. Channels must be in phase; see Figure 7
20
–
–
%
OPERATING CHARACTERISTICS: Valid over operating voltage and temperature, unless otherwise specified
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com