Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A19302PUBATN-RPE Datasheet HTML 2Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 3Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 4Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 5Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 6Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid over operating voltage and temperature, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit
THERMAL CHARACTERISTICS
Magnetic Temperature Coefficient [10]
TC
Based on ferrite ring magnet and neodymium
magnet (-xxE variant)
–
0.16
–
%/°C
Based on samarium-cobalt magnet (-xxG variant)
–
0.04
–
%/°C
Package Thermal Resistance [11]
RθJA
Single-layer PCB with copper limited to solder pads
–
213
–
°C/W
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; refer to Power Derating section.
[3]
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
[4]
Supply current ratio is taken as a mean value of ICC(MID) / ICC(LOW) and ICC(HIGH) / ICC(LOW).
[5]
Output transients prior to tPO should be ignored.
[6]
Differential magnetic field is measured for Channel A (E1-E2) and Channel B (E2-E3) independently. Each channel’s differential magnetic field is measured between two
Hall elements. Magnetic field is measured orthogonally to the front of the package. BDIFF(pk-pk) only valid at TA(max) due to magnetic temperature compensation. Refer to
UB package drawing.
[7]
Symmetrical signal variation is defined as the largest amplitude ratio from Bn to Bn + TWINDOW. Signal variation may occur continuously while BDIFF remains in the
operating magnetic range.
[8]
Pulse width measured at threshold of (ICC(MID) + ICC(LOW)) / 2 and (ICC(HIGH) + ICC(LOW)) / 2.
[9]
These frequency ranges are based on valid pulse width generation with each pulse width preceding with a tw(PRE)(MAX). Frequency is based on BDIFF frequency.
[10]
Magnets decrease in strength with increasing temperature. The device temperature coefficient compensates to help maintain a consistent maximum air gap over
temperature.
[11]
Additional thermal information is available on the Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com