Electronic Components Datasheet Search
  English  ▼

X  

A19302PUBATN-RPE Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A19302PUBATN-RPE
Description  High-Accuracy, Pulse-Width or AK Protocol Hall-Effect Wheel Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19302PUBATN-RPE Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A19302PUBATN-RPE Datasheet HTML 5Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 6Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 7Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 8Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 9Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 10Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 11Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 12Page - Allegro MicroSystems A19302PUBATN-RPE Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
High-Accuracy, Pulse-Width or AK Protocol
Hall-Effect Wheel Speed and Direction Sensor IC
A19302
9
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
The A19302 sensor IC contains a single-chip Hall-effect circuit
that supports three Hall elements. These elements are used in
differential pairs to provide electrical signals containing informa-
tion regarding edge position and direction of target rotation. The
A19302 is intended for use with ring magnet targets, or, when
back-biased with an appropriate magnet, with ferromagnetic
targets. The IC detects the peaks of the magnetic signals and
sets dynamic thresholds based on these detected signals. Output
events are triggered when BDIFF transitions through the switch
points.
FORWARD ROTATION
For the –Fxx variant, when the target is rotating such that a target
feature passes from pin 1 to pin 2, this is referred to as forward
rotation. This direction of rotation is indicated on the output by
the AK or PW protocol. For the –Rxx variant, forward direction is
indicated for target rotation from pin 2 to 1 (refer to Figure 8).
REVERSE ROTATION
For the –Fxx variant, when the target is rotating such that a target
feature passes from pin 2 to pin 1, this is referred to as reverse rota-
tion. This direction of rotation is indicated on the output by the AK
or PW protocol. For the –Rxx variant, reverse direction is indicated
for target rotation from pin 1 to 2.
AK PROTOCOL DESCRIPTION
When a target passes in front of the device (opposite the branded
face of the package case), the A19302 generates an AK word for
each magnetic pole or for each tooth and each valley of the target.
Speed information is provided by the output pulse rate, while
direction of target rotation is provided in the AK data bits.
PW PROTOCOL DESCRIPTION
When a target passes in front of the device (opposite the branded
face of the package case), the A19302 generates an output pulse
for each magnetic pole or for each tooth and each valley of the
target. Speed information is provided by the output pulse rate,
while direction of target rotation is provided by the duration of
the output pulses.
Figure 8: Target Orientation Relative to Device
(ring magnet shown).
N
N
N
N
N
S
S
S
S
S
N
N
N
N
N
S
S
S
S
S
(A) Forward Rotation (-F variant)
(B) Reverse Rotation (-F variant)
Branded Face
of Sensor
Branded Face
of Sensor
Pin 1
Pin 2
Pin 1
Pin 2
Rotating Target
Rotating Target
Figure 9: Output Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com