Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 6 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 6 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 2Page - Apacer Technology Inc. B92 Datasheet HTML 3Page - Apacer Technology Inc. B92 Datasheet HTML 4Page - Apacer Technology Inc. B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5
© 2021 Apacer Technology Inc.
3. Pin Assignments
This connector does not support hot plug capability. There are a total of 75 pins. 12 pin locations are
used for mechanical key locations; this allows such a module to plug into both Key B and Key M
connectors.
Table 3-1 Pin Assignments
Pin No.
Type
Description
1
GND
CONFIG_3 = GND
2
3.3V
3.3V source
3
GND
Ground
4
3.3V
3.3V source
5
N/C
No connect*
6
N/C
No connect*
7
N/C
No connect*
8
N/C
No connect*
9
GND
Ground
10
LED1#
Open drain, active low signal. These signals are used to allow the add-in
card to provide status indicators via LED devices that will be provided by
the system.
11
N/C
No connect*
12
Module Key B
Module Key
13
Module Key B
14
Module Key B
15
Module Key B
16
Module Key B
17
Module Key B
18
Module Key B
19
Module Key B
20
N/C
No connect*
21
GND
Ground
22
N/C
No connect*
23
N/C
No connect*
24
N/C
No connect*
25
N/C
No connect*
26
N/C
No connect*
27
GND
Ground
28
N/C
No connect*
29
PETn1
PCIe TX Differential signal defined by the PCI Express M.2 spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com