Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 16 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 16 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 12Page - Apacer Technology Inc. B92 Datasheet HTML 13Page - Apacer Technology Inc. B92 Datasheet HTML 14Page - Apacer Technology Inc. B92 Datasheet HTML 15Page - Apacer Technology Inc. B92 Datasheet HTML 16Page - Apacer Technology Inc. B92 Datasheet HTML 17Page - Apacer Technology Inc. B92 Datasheet HTML 18Page - Apacer Technology Inc. B92 Datasheet HTML 19Page - Apacer Technology Inc. B92 Datasheet HTML 20Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
15
© 2021 Apacer Technology Inc.
8.2 S.M.A.R.T.
SMART, an acronym for Self-Monitoring, Analysis and Reporting Technology, is an open standard
that allows a hard disk drive to automatically detect its health and report potential failures. When a
failure is recorded by SMART, users can choose to replace the drive to prevent unexpected outage or
data loss. Moreover, SMART can inform users of impending failures while there is still time to perform
proactive actions, such as copy data to another device.
Table 8-4 SMART (02h)
Byte
Length
Description
0
1
Critical Warning
1-2
2
Composite Temperature (PCB Sensor)
3
1
Available Spare
4
1
Available Spare Threshold
5
1
Percentage Used (Average Erase Count / P/E Cycle Count)
6-31
26
Reserved
32-47
16
Data Units Read
48-63
16
Data Units Written
64-79
16
Host Read Commands
80-95
16
Host Write Commands
96-111
16
Controller Busy Time
112-127
16
Power Cycles
128-143
16
Power On Hours
144-159
16
Unsafe Shutdowns
160-175
16
Media and Data Integrity Errors
176-191
16
Number of Error Information Log Entries
192-195
4
Warning Composite Temperature Time
196-199
4
Critical Composite Temperature Time
200-201
2
Temperature Sensor 1: Controller Temperature
202-203
2
Temperature Sensor 2: PCB Temperature
204-205
2
Temperature Sensor 3: NAND Flash Temperature
206-207
2
Temperature Sensor 4
208-209
2
Temperature Sensor 5
210-211
2
Temperature Sensor 6
212-213
2
Temperature Sensor 7
214-215
2
Temperature Sensor 8
216-511
296
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com