Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 12 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 12 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. B92 Datasheet HTML 12Page - Apacer Technology Inc. B92 Datasheet HTML 13Page - Apacer Technology Inc. B92 Datasheet HTML 14Page - Apacer Technology Inc. B92 Datasheet HTML 15Page - Apacer Technology Inc. B92 Datasheet HTML 16Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
11
© 2021 Apacer Technology Inc.
5.5 Power Failure Management
Power Failure Management plays a crucial role when power supply becomes unstable. Power
disruption may occur when users are storing data into the SSD, leading to instability in the drive.
However, with Power Failure Management, a firmware protection mechanism will be activated to scan
pages and blocks once power is resumed. Valid data will be transferred to new blocks for merging
and the mapping table will be rebuilt. Therefore, data reliability can be reinforced, preventing damage
to data stored in the NAND Flash.
5.6 TRIM
TRIM is a feature which helps improve the read/write performance and speed of solid-state drives
(SSD). Unlike hard disk drives (HDD), SSDs are not able to overwrite existing data, so the available
space gradually becomes smaller with each use. With the TRIM command, the operating system can
inform the SSD which blocks of data are no longer in use and can be removed permanently. Thus, the
SSD will perform the erase action, which prevents unused data from occupying blocks all the time.
5.7 Over-Provisioning
Over-Provisioning (OP) is a certain portion of the SSD capacity exclusively for increasing Garbage
Collection (GC) efficiency, especially when the SSD is filled to full capacity or performs a heavy
mixed-random workload. OP has the advantages of providing extended life expectancy, reliable data
integrity, and high sustained write performance.
5.8 Hyper Cache Technology
Apacer proprietary Hyper Cache technology uses a portion of the available capacity as SLC (1bit-per-
cell) NAND flash memory, called Hyper cache mode. When data is written to SSD, the firmware will
direct the data to Hyper Cache mode, providing excellent performance to handle various scenarios in
industrial use.
5.9 SMART Read RefreshTM
Apacer’s SMART Read Refresh plays a proactive role in avoiding read disturb errors from occurring to
ensure health status of all blocks of NAND flash. Developed for read-intensive applications in
particular, SMART Read Refresh is employed to make sure that during read operations, when the
read operation threshold is reached, the data is refreshed by re-writing it to a different block for
subsequent use.
5.10 NVMe Secure Erase
NVMe Secure Erase is an NVMe drive sanitize command currently embedded in most of the storage
drives. Defined in NVMe specifications, NVMe Secure Erase is part of Format NVM command that
allows storage drives to erase all user data areas. The erase process usually runs on the firmware
level as most of the NVMe-based storage media currently in the market are built-in with this command.
NVMe Secure Erase can securely wipe out the user data in the drive and protects it from malicious
attack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com