Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 8 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 8 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 4Page - Apacer Technology Inc. B92 Datasheet HTML 5Page - Apacer Technology Inc. B92 Datasheet HTML 6Page - Apacer Technology Inc. B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. B92 Datasheet HTML 12Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
7
© 2021 Apacer Technology Inc.
4. Product Specifications
4.1 Capacity
Capacity specifications of PV910-M280 are available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1 Capacity Specifications
Capacity
Total bytes*
Total LBA
120 GB
120,034,123,776
234,441,648
240 GB
240,057,409,536
468,862,128
480 GB
480,103,981,056
937,703,088
960 GB
960,197,124,096
1,875,385,008
*Display of total bytes varies from file systems, which means not all of the bytes can be used for storage.
**Notes: 1 GB = 1,000,000,000 bytes; 1 sector = 512 bytes.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of
the device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a
small portion of the capacity is reserved for device maintenance usages.
4.2 Performance
Performance of PV910-M280 is listed below in Table 4-2.
Table 4-2 Performance Specifications
Capacity
Performance
120 GB
240 GB
480 GB
960 GB
Sequential Read* (MB/s)
1,560
1,775
1,775
1,775
Sequential Write* (MB/s)
500
960
1,255
1,295
Random Read IOPS** (4K)
81,000
121,000
130,000
121,000
Random Write IOPS** (4K)
99,000
130,000
130,000
130,000
Note:
Measured with OS version: Win10 (64bit), version 1803 with HMB (Host Memory Buffer), performance may differ from various
flash configurations or host system settings.
*Sequential performance is based on CrystalDiskMark 5.2.1 with file size 1,000MB.
**Random performance measured using IOMeter with Queue Depth 32.
4.3 Environmental Specifications
Environmental specifications of PV910-M280 are shown in Table 4-3.
Table 4-3 Environmental Specifications
Item
Specifications
Operating temp.
0°C to 70°C (Standard); -40°C to 85°C (Wide)
Non-operating temp.
-40°C to 100°C
Operating vibration
7.69 GRMS, 20~2000 Hz/random (compliant with MIL-STD-810G)
Non-operating vibration
4.02 GRMS, 15~2000 Hz/random (compliant with MIL-STD-810G)
Operating shock
50(G), 11(ms), half-sine wave
Non-operating shock
1,500(G), 0.5(ms), half-sine wave
Note: Shock and Vibration specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com