Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 20 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 20 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 16Page - Apacer Technology Inc. B92 Datasheet HTML 17Page - Apacer Technology Inc. B92 Datasheet HTML 18Page - Apacer Technology Inc. B92 Datasheet HTML 19Page - Apacer Technology Inc. B92 Datasheet HTML 20Page - Apacer Technology Inc. B92 Datasheet HTML 21Page - Apacer Technology Inc. B92 Datasheet HTML 22Page - Apacer Technology Inc. B92 Datasheet HTML 23Page - Apacer Technology Inc. B92 Datasheet HTML 24Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
19
© 2021 Apacer Technology Inc.
10.3 Net Weight
Table 10-1 Net Weight
Capacity
Net Weight (g ± 5%)
120GB
5.39
240GB
5.39
480GB
5.53
960GB
6.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com