Electronic Components Datasheet Search
  English  ▼

X  

B92 Datasheet(PDF) 11 Page - Apacer Technology Inc.

Part # B92
Description  PCI Express Flash Drive PV910-M280 Product Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

B92 Datasheet(HTML) 11 Page - Apacer Technology Inc.

Back Button B92 Datasheet HTML 7Page - Apacer Technology Inc. B92 Datasheet HTML 8Page - Apacer Technology Inc. B92 Datasheet HTML 9Page - Apacer Technology Inc. B92 Datasheet HTML 10Page - Apacer Technology Inc. B92 Datasheet HTML 11Page - Apacer Technology Inc. B92 Datasheet HTML 12Page - Apacer Technology Inc. B92 Datasheet HTML 13Page - Apacer Technology Inc. B92 Datasheet HTML 14Page - Apacer Technology Inc. B92 Datasheet HTML 15Page - Apacer Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10
© 2021 Apacer Technology Inc.
5. Flash Management
5.1 Error Correction/Detection
PV910-M280 implements a hardware ECC scheme, based on the Low Density Parity Check (LDPC).
LDPC is a class of linear block error correcting code which has apparent coding gain over BCH code
because LDPC code includes both hard decoding and soft decoding algorithms. With the error rate
decreasing, LDPC can extend SSD endurance and increase data reliability while reading raw data
inside a flash chip.
5.2 Bad Block Management
Current production technology is unable to guarantee total reliability of NAND flash memory array.
When a flash memory device leaves factory, it comes with a minimal number of initial bad blocks
during production or out-of-factory as there is no currently known technology that produce flash chips
free of bad blocks. In addition, bad blocks may develop during program/erase cycles. Since bad
blocks are inevitable, the solution is to keep them in control. Apacer flash devices are programmed
with ECC, page mapping technique and S.M.A.R.T to reduce invalidity or error. Once bad blocks are
detected, data in those blocks will be transferred to free blocks and error will be corrected by
designated algorithms.
5.3 Global Wear Leveling
Flash memory devices differ from Hard Disk Drives (HDDs) in terms of how blocks are utilized. For
HDDs, when a change is made to stored data, like erase or update, the controller mechanism on
HDDs will perform overwrites on blocks. Unlike HDDs, flash blocks cannot be overwritten and each
P/E cycle wears down the lifespan of blocks gradually. Repeatedly program/erase cycles performed
on the same memory cells will eventually cause some blocks to age faster than others. This would
bring flash storages to their end of service term sooner. Global wear leveling is an important
mechanism that levels out the wearing of all blocks so that the wearing-down of all blocks can be
almost evenly distributed. This will increase the lifespan of SSDs.
5.4 Flash Translation Layer
– Page Mapping
Page mapping is an advanced flash management technology whose essence lies in the ability to
gather data, distribute the data into flash pages automatically, and then schedule the data to be
evenly written. Page-level mapping uses one page as the unit of mapping. The most important
characteristic is that each logical page can be mapped to any physical page on the flash memory
device. This mapping algorithm allows different sizes of data to be written to a block as if the data is
written to a data pool and it does not need to take extra operations to process a write command. Thus,
page mapping is adopted to increase random access speed and improve SSD lifespan, reduce block
erase frequency, and achieve optimized performance and lifespan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com