Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955A Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMPR4955A
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 168 page
background image
Chapter 3 Initialization Interface
3-5
wait instruction is executed during a bus operation, the Halt mode is after the bus
operation completes.
Write buffer operations do not stop during Halt mode: when the write buffer contain
date, write operations continue until the write buffer empties.
To recover from Halt mode, assert one of the following signal:
Int[5:0]*, NMI*, Reset*, or ColdReset*.
When recovering from Halt mode by asserting a non-enabled Int[5:0]* signal, the
value of the Int Mask field in the Status Register is not affected.
When recovering from Halt mode via the ColdReset* signal, NMI* signal, or an
enabled Int[5:0]* signal, the top instruction of the exception handler corresponding to
the signal is executed. On execution of the top instruction, the EPC points to
instruction following the Wait instruction. When recovering via a non-enabled Int[5:0]*
signal, the processor resumes execution from the instruction following the instruction
used to change to Halt mode.
3.3.2
Operating Modes
The TX4955A has three operating modes, User mode, Supervisor mode and Kernel mode,
that function in both 32- and 64-bit operations. The KSU, EXL and ERL bits in the Status
register select User, Supervisor or Kernel mode. The UX, SX and KX bits in the Status
register select 32-bit or 64-bit addressing for User, Kernel and Supervisor operating modes.
KSU
EXL
ERL
UX
SX
KX
Mode
10
0
0
0
—
—
32-bit addressing for User mode
10
0
0
1
—
—
64-bit addressing for User mode
01
0
0
—
0
—
32-bit addressing for Supervisor mode
01
0
0
—
1
—
64-bit addressing for Supervisor mode
00
—
—
—
—
0
32-bit addressing for Kernel mode
—
1
—
—
—
0
32-bit addressing for Kernel mode
—
—
1
—
—
0
32-bit addressing for Kernel mode
00
—
—
—
—
1
64-bit addressing for Kernel mode
—
1
—
—
—
1
64-bit addressing for Kernel mode
—
—
1
—
—
1
64-bit addressing for Kernel mode
3.3.3
System Endianness
By setting the External pin (Endian), the state of system endianness is provide to the
processor.
Indicateds the initial setting of the endian during a reset.
Endian = 0: Little Endian
Endian = 1: Big Endian
Note: Be bit in the Config register is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com