Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955A Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMPR4955A
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 70Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 71Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 73Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
Chapter 6 TX4955A System Interface
6-2
6.2.1
Interface bus
Figure 6.2.1 illustrates the 32-bit address/data bus SysAD (31:0), which is the main
communication bus of the system interface, and the 9-bit command bus SysCmd (8:0).
SysAD and SysCmd are bi-directional busses. In other words, these two busses are used for
the processor to issue processor requests and for the external agent to issue external
requests.
Figure 6.2.1 System Interface Bus
Requests sent via the system interface consist of the following:
•
Address
•
System interface command that strictly specifies the type of request
•
Series of data elements for when the request is a particular write or read process.
6.2.2
Address cycle and data cycle
Cycles during which valid addresses exist on the SysAD bus are referred to as address
cycles. Also, cycles during which valid data exist on the SysAD bus are referred to as data
cycles. Validity is determined depending on the ValidIn signals and ValidOut signals.
The SysCmd bus is used to identify the contents of the SysAD bus for all cycles at which
it is to be valid. The most significant bit of the SysCmd bus is used to indicate whether the
current cycle is an address cycle or a data cycle.
•
In the case of an address cycle [SysCmd(8) = 0], the remaining bits SysCmd(7:0) of
the SysCmd bus contain the system interface commands.
•
In the case of a data cycle [SysCmd(8) = 1], the remaining bits SysCmd(7:0) of the
SysCmd bus contain the data identifier.
SysCmd (8:0)
SysAD (31:0)
TX4955A
External agent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com