Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955A Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMPR4955A
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 73Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
Chapter 6 TX4955A System Interface
6-4
•
Complete issuing of processor requests before external requests are received.
•
Release the system interface and go into the slave mode without completing
issuance of the processor requests.
In the latter of the above situations, the TX4955A issues processor requests after
external requests are complete. Rules relating to issuing are also provided to processor
requests.
6.2.4
Handshake signal
The processor uses the eight control signals explained below to manage the flow of
requests.
•
RdRdy* and WrRdy* are used by the external agent to indicate that it is ready to
accept a new read or write transaction.
•
ExtRqst* and Release* are used to transfer SysAD bus and SysCmd bus control.
ExtRqst* is used by the external agent to indicate the necessity of controlling the
interface. Release* is asserted by the processor when transferring the system
interface access privileges.
•
The TX4955A processor uses ValidOut* and the external agent ValidIn* signals to
indicate the valid command/data on the SysCmd/SysAD bus.
6.2.5
System Interface Protocol of R5000 type
Figure 6.2.4 illustrates the system interface that operates between registers. In other
words, processor output is directly transferred from the output register and changes and
the Master Clock rising edge.
Processor input is directly transferred to the input register and the input register latches
these input signals at the rising edge of the Master Clock. In this way, it becomes possible
for the system interface to operate at the fastest clock frequency.
Figure 6.2.4 Operation of the System Interface Between Registers
Master Clock
TX4955A
Output data
Input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com