| Electronic Components Datasheet Search |
|
TMPR4955A Datasheet(PDF) 79 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955A Datasheet(HTML) 79 Page - Toshiba Semiconductor |
|
79 / 168 page ![]() Chapter 6 TX4955A System Interface 6-7 6.2.6.2 Processor requests The term “processor request” refers to either a single request or a series of requests issued via the system interface in order to access external resources. As illustrated in Figure 6.2.7, there are two types of processor request: read and write. Figure 6.2.7 Processor Requests Read requests are requests that read data from main memory or other memory resources in block double word, partial double word, word, and partial word units. Write requests are requests that write data to main memory or other system resources in block, double word, partial double word, word, and partial word units. Processor requests are managed by the TX4955A processor in the same manner as the R4000/R4400 non-secondary cache mode. The processor issues requests strictly according to a sequential method. In other words, the processor cannot issue the next request while a previous request is on hold. For example, after issuing a read request, the processor waits for a read response before issuing the next request. The processor only issues write requests when there are no read requests on hold. When using processor input signals RdRdy* and WrRdy*, the external agent can control the processor request flow. RdRdy* is the signal that controls the processor read flow, and WrRdy* controls the processor write request flow. Figure 6.2.8 illustrates the sequence of the processor request cycle. Figure 6.2.8 Processor Requests 6.2.6.3 Processor read requests When the processor issues a read request, the external agent must access the specified resource and return the requested data. The external agent returns response data for processor read requests so they can be executed separately from the requests. In other words, the external agent can start an external request before returning response data for the processor read request. A processor read request is complete when the final word of the response data is received from the external agent. Depending on the data identifier combined with the response data, an error in the response data may be pointed out. The processor would then treat this error as a bus error. If data have not been returned to the issued processor read request, the applicable request is said to be “on hold.” This state continues until the requested read data are returned. Processor Request ・ Read ・ Write TX4955A External agent 1. Processor issues read/ write requests. TX4955A External agent 2. External system controls acceptance of requests by asserting either RdRdy* or WrRdy*. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |