| Electronic Components Datasheet Search |
|
TMPR4955A Datasheet(PDF) 93 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955A Datasheet(HTML) 93 Page - Toshiba Semiconductor |
|
93 / 168 page ![]() Chapter 6 TX4955A System Interface 6-21 6.2.8.10 External write request protocol The same protocol as the processor single word write protocol is used for external write requests, except when the ValidIn* signal is asserted instead of the ValidOut* signal. Figure 6.2.21 illustrates the timing of the external write request, which consists of the following steps. 1. The external agent requests use of the system interface by asserting ExtRqst*. 2. The processor asserts Release*, then the system interface is released from the processor and goes into the slave state. 3. The external agent sends a write command to the SysCmd bus, and sends a write address to the SysAD bus while asserting ValidIn*. 4. The external agent sends data identifiers to the SysCmd bus, and sends data to the SysAD bus while asserting ValidIn*. 5. Data identifiers for this data cycle must contain an indication of a coherent or non-coherent final data cycle. 6. After a data cycle is issued, the write request is complete, the external agent sets the SysCmd and SysAD busses to tri-state, then the system interface returns to the master state. Timing of the SysADC bus and SysCmdP bus are each the same as the SysAD bus and SysCmd bus, respectively. External write requests can write only 1 word of data to the processor. Operation of processors that have specified data elements other than a single word of data by an external write request is not defined. Figure 6.2.21 External Write Request when System Interface Starts in the Master State 1 2 345 6 Cycle Master Clock SysAD Bus ValidOut* Validln* 78 9 10 11 12 SysCmd Bus ExtRqst* Release* Master 2 4 3 Addr Data0 Slave Master Write NEOD 6 5 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |