Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955A Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMPR4955A
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 71Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 73Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
Chapter 6 TX4955A System Interface
6-3
6.2.3
Issue cycle
Two types of processor issue cycles exist with the TX4955A.
•
Processor read request issue cycles.
•
Processor write request issue cycles.
The TX4955A judges the issue cycle of the processor read request by sampling the
RdRdy* signal. It also judges the issue cycle of the processor write request by sampling the
WrRdy* signal from the external agent.
As illustrated in Figure 6.2.2, RdRdy* must be asserted two cycles before the processor
read request address cycle in order to define the address cycle as an issue cycle.
Figure 6.2.2 RdRdy* Signal Status in case of Read Request
As illustrated in Figure 6.2.3, WrRdy* is asserted two cycles before the initial address
cycle of the processor write request, and the address cycle must be defined as the issue
cycle.
Figure 6.2.3 WrRdy* Signal Status in case of Write Request
The TX4955A repeats the request address cycle until the conditions of the valid issue
cycle are met. If the processor request is a data transmission, then data transmission starts
at the point when the issue cycle is complete. There is only one issue cycle no matter what
the processor request is.
The TX4955A accepts external requests even while trying to issue processor requests. If
the external agent asserts ExtRqst*, the processor responds to the external agent by
releasing the system interface and going into the slave state. Rules relating to the issue
cycle of processor requests are strictly applied in determining the processor run operation
as well. The TX4955A performs one of the following:
Address
1
Issue
Cycle
234
56
Cycle
Master Clock
SysAD Bus
RdRdy*
ValidOut*
Address
1
Issue
Cycle
234
56
Cycle
Master Clock
SysAD Bus
WrRdy*
ValidOut*
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com