Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955A Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMPR4955A
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 21Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 22Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 23Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 24Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 25Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 26Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 27Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 28Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
3
General Safety Precautions and Usage Considerations
3-5
• If the 12-month storage period has expired, or if the 30% humidity indicator shown in Figure 1
is pink when the packing is opened, it may be advisable, depending on the device and packing
type, to back the devices at high temperature to remove any moisture. Please refer to the table
below. After the pack has been opened, use the devices in a 5
°C to 30°C. 60% RH environment
and within the effective usage period listed on the moisture-proof package. If the effective usage
period has expired, or if the packing has been stored in a high-humidity environment, bake the
devices at high temperature.
Packing
Moisture removal
Tray
If the packing bears the “Heatproof” marking or indicates the maximum temperature which it can
withstand, bake at 125
°C for 20 hours. (Some devices require a different procedure.)
Tube
Transfer devices to trays bearing the “Heatproof” marking or indicating the temperature which they
can withstand, or to aluminum tubes before baking at 125
°C for 20 hours.
Tape
Deviced packed on tape cannot be baked and must be used within the effective usage period after
unpacking, as specified on the packing.
• When baking devices, protect the devices from static electricity.
• Moisture indicators can detect the approximate humidity level at a standard temperature of
25
°C. 6-point indicators and 3-point indicators are currently in use, but eventually all indicators
will be 3-point indicators.
READ AT LAVENDER
BETWEEN PINK & BLUE
10%
20%
30%
40%
50%
60%
HUMIDITY INDICATOR
READ AT LAVENDER
BETWEEN PINK & BLUE
20
30
40
HUMIDITY INDICATOR
(a) 6-point indicator
(b) 3-point indicator
Figure 1
Humidity indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com