Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY282 Datasheet HTML 1Page - NXP Semiconductors BGY282 Datasheet HTML 2Page - NXP Semiconductors BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Dec 04
5
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
Pn
noise power GSM900
PL1 ≤ 34 dBm; bandwidth = 100 kHz;
f = 925 MHz
−−
−71
dBm
PL1 ≤ 34 dBm; bandwidth = 100 kHz;
f = 935 MHz
−−
−80
dBm
noise power GSM1800
PL2 ≤ 32 dBm; bandwidth = 100 kHz;
f = 1805 MHz
−−
−76
dBm
AM/PM conversion
PD1,2 = −0.5to0.5 dBm;
PL1 = 5 to 34 dBm; PL2 =0to 32 dBm;
PL1,2 = constant during measurement
−−
6
deg/dB
AM/AM conversion
PD1,2 = 4 %; f = 100 kHz;
PL1 = 5 to 34.7 dBm;
PL2 = 0 to 32.3 dBm
−−
30
%
CG
conversion gain GSM900
PD1 =0dBm @ 915MHz;
PL1 =34dBm;
Pi1 = −50 dBm @ 905 MHz;
CG = P925 − Pi1
−
25
−
dB
CG
conversion gain GSM1800
PD2 = 0 dBm @ 1785 MHz;
PL2 =32dBm;
Pi2 = −50 dBm @ 1765 MHz;
CG = P1805 − Pi2
−
25
−
dB
3 dB control bandwidth
GSM900, GSM1800
PL1 = 5 to 34 dBm; PL2 = 0 to 32 dBm
0.5
−−
MHz
power drop 4 slot burst
GSM900, GSM1800
VAPC = 2.2 V; difference PL with
δ = 1 : 8 and δ =4:8
−−
0.4
dB
ruggedness
VS1,2 =5V; PD1 =0to3dBm;
PD2 = 0 to 5 dBm; PL1 =<35 dBm;
PL2 = <33 dBm; VSWR ≤6 : 1 through
all phases
no degradation
VS1,2 = 4.2 V; PD1 = 0 to 3 dBm;
PD2 = 0 to 5 dBm; PL1 =<35 dBm;
PL2 = <33 dBm; VSWR ≤10 : 1
through all phases
no degradation
VS1,2 = 4.2 V; PD1 = 0 to 3 dBm;
PD2 = 0 to 5 dBm PL1 = <34 dBm;
PL2 = <32 dBm; VSWR ≤6 : 1 through
all phases;
δ =4 :8
no degradation
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com