Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors BGY282 Datasheet HTML 10Page - NXP Semiconductors BGY282 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2001 Dec 04
7
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for
GSM900 and GSM1800
BGY282
APPLICATION INFORMATION
C2
RF output 2
DCS in
DCS out
Z0
+V
S
C4
VB
C8
Z0
7
8
9
10
11
6
12
VS2
GND
Vband
GND
GND
4
C3
RF in
V
C
C1
+V
S
Z0
1
C7
GND
2
Vapc
3
VS1
Z0
5
RF output 2
RF output 1
RF output 1
PAM1
Fig.6 Test circuit.
List of components
Note
1.
The striplines are on a double etched printed circuit board (
ε
r = 4.6); thickness 0.8 mm
QUANTITY
LOCATION
VALUE / TYPE
DESCRIPTION
REMARK
SUPPLIER
1
PCB
Roland
Haefele
1
PAM1
BGY282
Power amplifier module
4
Jack assembly end launch
SMA connector
Type no. 142-0701-881
Johnson
Components
1
C1
100
µF / 35 V
Electrol. capacitor
Type no. ECEV1VA101P
Matsushita
1
C2
100
µF / 35 V
Electrol. capacitor
Type no. ECEV1VA101P
Matsushita
1
C3
100 nF
0805 size SMD capacitor
1
C4
100 nF
0805 size SMD capacitor
1
C7
680 pF
0603 size SMD capacitor
1
C8
100 pF
0603 size SMD capacitor
1
R1
100 Ohms / 0.1
W
0805 size SMD resistor
4Z0
50
Ω
stripline; note 1
width 1.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com