Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY282 Datasheet HTML 1Page - NXP Semiconductors BGY282 Datasheet HTML 2Page - NXP Semiconductors BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2001 Dec 04
4
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
CHARACTERISTICS
ZS =ZL =50 Ω; PD1,2 =0dBm; VS1 =VS2 = 3.5 V; VAPC ≤ 2.2 V; Tmb =25 °C; tp = 575 µs; δ =1: 8;
f = 880 to 915 MHz (GSM900); f = 1710 to 1785 MHz (GSM1800); measured on demoboard of fig 7; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Vband
band switch voltage
GSM1800 selected
0
−
0.7
V
GSM900 selected
1.7
−
5.5
V
Iband
band switch current
−−
30
µA
IL
leakage current
VAPC = 0.2 V; PD1,2 =0 mW
−−
10
µA
ICM1, ICM2 peak control current
−−
2mA
PD1
input drive power (GSM900)
−3
−
4dBm
PD2
input drive power (GSM1800)
−32
5
dBm
PL1
load power GSM900
VAPC =2.2 V
34.7
35
−
dBm
VAPC = 2.2 V; VS1 = 3.1 V
34.2
34.5
−
dBm
PL2
load power GSM1800
VAPC =2.2 V
32.3
33
−
dBm
VAPC = 2.2 V; VS1 = 3.1 V
31.7
32.3
−
dBm
η
1
efficiency GSM900
VAPC =2V
43
50
−
%
η
2
efficiency GSM1800
VAPC =2V
38
45
−
%
H2, H3
harmonics GSM900
PL1 = 34.7 dBm
−−
−38
dBc
harmonics GSM1800
PL2 = 32.3 dBm
−−
−35
dBc
VSWRin
input VSWR of active device
VS1,2 = 3.1 to 4.4 V; PD1,2 =0dBm;
PL1 = 5 to 34.7 dBm;
PL2 = 0 to 32.3 dBm
−
3: 1
input VSWR of inactive
device
VS1,2 = 3.1 to 5.15 V; VAPC ≤ 0.5 V
−
8: 1
stability
VS1,2 =3to 5 V; PD1 = 0 to 3 dBm;
PD2 = 0 to 5 dBm; PL1 =<35 dBm;
PL2 = <33 dBm; VSWR = 6 : 1 through
all phases
−−
−60
dBc
VS1,2 = 3.1 to 4.2 V; PD1 = 0 to 3 dBm;
PD2 = 0 to 5 dBm; PL1 =<34 dBm;
PL2 = <32 dBm; VSWR = 6 : 1 through
all phases;
δ =4 : 8
−−
−60
dBc
isolation
VAPC = 0.5 V; PD1 =3dBm;
PD2 =5dBm
−−
−36
dBm
second harmonic isolation
from GSM900 into GSM1800
PL1 = 34.7 dBm
−−
−20
dBm
maximum control slope
−5dBm < P
L1,2 <PLmax
120
−
200
dB/V
tr
carrier rise time
PL1 = 5 to 34 dBm; PL2 =0to 32 dBm;
time to settle within
−0.5 dB of final P
L
−
1.5
2
µs
tf
carrier fall time
PL1 = 5 to 34 dBm; PL2 =0to 32 dBm;
time to settle within
−0.5 dB of final P
L
−
1.5
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com