Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors BGY282 Datasheet HTML 10Page - NXP Semiconductors BGY282 Datasheet HTML 11Page - NXP Semiconductors BGY282 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2001 Dec 04
10
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-09-26
01-11-20
IEC
JEDEC
EIAJ
SOT632A
0
5
10 mm
scale
Leadless surface mounted package; plastic cap; 12 terminations
SOT632A
A
c
E1
D
5
12
4
3
7
6
12
11
10
8
9
D1
E
(4
×)
(4
×)
pin 1 index
UNIT
mm
1.5
1.4
3.75
3.65
1.8
1.4
2.1
4.0
bb1
DIMENSIONS (mm are the original dimensions)
A
14.05
13.45
D
0.61
0.49
c
13.35
13.05
D1
8.3
7.7
Ee
3.275
e1
7.85
7.55
1.45
1.35
E1
e2
L
3.75
3.65
Z
2.45
2.35
Z1
1.55
1.45
ZD
1.55
1.45
Z2
1.35
1.25
Z3
0.75
0.65
Z4
0.7
0.6
Z5
0.625
0.525
Z6
1.55
1.45
Z7
0.75
0.65
Z8
0.85
0.75
Z9
b1 (4×)
L
(12
×)
ZD (2×)
Dimensions of solderresist
Dimensions of terminations
Z7
(4
×)
e
b (8
×)
(2
×)
e1
Z3
(2
×)
Z5 (4×)
Z2
(6
×)
e2
Z4
(8
×)
Z8
Z9
Z (2
×)
Z6 (4×)
Z1
(4
×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com