Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY282 Datasheet HTML 1Page - NXP Semiconductors BGY282 Datasheet HTML 2Page - NXP Semiconductors BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2001 Dec 04
3
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note: PL is forward power, measured in a coupler.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS1, VS2
DC supply voltage
VAPC =0; RFIN =off
−
7V
VAPC > 0.5 V; RFIN =on
−
5.5
V
VAPC
DC control voltage
−
3V
PD1, PD2
input drive power
−
10
dBm
PL1
load power 1 (GSM900)
−
36
dBm
PL1
load power 1 (GSM900)
δ = 4 : 8; VSWR
out >2 :1
−
35
dBm
PL2
load power 2 (GSM1800)
−
35
dBm
PL2
load power 2 (GSM1800)
δ = 4 : 8; VSWR
out >2 :1
−
34
dBm
PS1
total power from supply during pulse (GSM900)
δ =4 : 8
−
7.5
W
PS2
total power from supply during pulse (GSM1800)
δ =4 : 8
−
4.5
W
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−30
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com