Electronic Components Datasheet Search
  English  ▼

X  

BGY282 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGY282
Description  dual band UHF amplifier module for GSM900 and GSM1800
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY282 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGY282 Datasheet HTML 2Page - NXP Semiconductors BGY282 Datasheet HTML 3Page - NXP Semiconductors BGY282 Datasheet HTML 4Page - NXP Semiconductors BGY282 Datasheet HTML 5Page - NXP Semiconductors BGY282 Datasheet HTML 6Page - NXP Semiconductors BGY282 Datasheet HTML 7Page - NXP Semiconductors BGY282 Datasheet HTML 8Page - NXP Semiconductors BGY282 Datasheet HTML 9Page - NXP Semiconductors BGY282 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Dec 04
6
Philips Semiconductors
Preliminary specification
dual band UHF amplifier module for GSM900 and GSM1800
BGY282
-30
-20
-10
0
10
20
30
40
11.522.5
VC (V)
P
L
(dBm)
(1)
(1)
(2)
(3)
(3) (4)
(4)
(2)
Fig.2
Load power as a function of control voltage;
typical values.
ZS =ZL =50 Ω; VS =3.5 V; PD =0 dBm;
Tmb =25 °C; δ =1 :8; tp = 575 µs.
(1) = 880 MHz
(3) = 1710 MHz
(2) = 915 MHz
(4) = 1785 MHz
Fig.3
Efficiency as a function of load power;
typical values.
ZS =ZL =50 Ω; VS =3.5 V; PD =0 dBm;
Tmb =25 °C; δ =1 :8; tp = 575 µs.
0
10
20
30
40
50
20
25
30
35
40
PL (dBm)
η
(%)
880 MHz
1710 MHz
915 MHz
1785 MHz
Fig.4
Second harmonic as a function of load
power; typical values.
ZS =ZL =50 Ω; VS =3.5 V; PD =0 dBm;
Tmb =25 °C; δ =1 :8; tp = 575 µs.
-80
-60
-40
-20
20
25
30
35
40
PL (dBm)
H
2
(dBc)
1710 MHz
915 MHz
1785 MHz
880 MHz
Fig.5
Third harmonic as a function of load power;
typical values.
ZS =ZL =50 Ω; VS =3.5 V; PD =0 dBm;
Tmb =25 °C; δ =1 :8; tp = 575 µs.
-80
-70
-60
-50
-40
-30
-20
20
25
30
35
40
PL (dBm)
H
3
(dBc)
880 MHz
1710 MHz
915 MHz
1785 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com