Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 26 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 26 Page - SPANSION

Back Button S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION S29CD032J Datasheet HTML 28Page - SPANSION S29CD032J Datasheet HTML 29Page - SPANSION S29CD032J Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
24
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
Figure 8.4 Initial Burst Delay Control
Notes
1. Burst access starts with a rising CLK edge and when ADV# is active.
2. Configurations register 6 is always set to 1 (CR6 = 1). Burst starts and data outputs on the rising CLK edge.
3. CR [13-10] = 1 or three clock cycles
4. CR [13-10] = 2 or four clock cycles
5. CR [13-10] = 3 or five clock cycles
8.4.3
Configuration Register
The configuration register sets various operational parameters associated with burst mode. Upon power-up
or hardware reset, the device defaults to the asynchronous read mode and the configuration register settings
are in their default state. (See Table 8.6 for the default Configuration Register settings.) The host system
determines the proper settings for the entire configuration register, and then execute the Set Configuration
Register command sequence before attempting burst operations. The configuration register is not reset after
deasserting CE#.
The Configuration Register does not occupy any addressable memory location, but rather, is accessed by the
Configuration Register commands. The Configuration Register is readable at any time, however, writing the
Configuration Register is restricted to times when the Embedded Algorithm™ is not active. If the user
attempts to write the Configuration Register while the Embedded Algorithm™ is active, the write operation is
ignored and the contents of the Configuration Register remain unchanged.
The Configuration Register is a 16 bit data field which is accessed by DQ15–DQ0. During a read operation,
DQ31–DQ16 returns all zeroes. Also, the Configuration Register reads operate the same as the Autoselect
command reads. When the command is issued, the bank address is latched along with the command. Read
operations to the bank that was specified during the Configuration Register read command return
Configuration Register contents. Read operations to the other bank return flash memory data. Either bank
address is permitted when writing the Configuration Register read command.
The configuration register can be read with a four-cycle command sequence. See Section 20.1, Command
Definitions on page 69 for sequence details.
Table 8.5 describes the Configuration Register settings.
CLK
ADV#
Addresses
DQ31-DQ03
DQ31-DQ04
DQ31-DQ05
Valid Address
Three CLK Delay
2nd CLK
3rd CLK
4th CLK
5th CLK
1st CLK
Four CLK Delay
Address 1 Latched
Five CLK Delay
D0
D1
D2
D3
D0
D1
D2
D0
D1
D2
D3
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com