Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 25 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 25 Page - SPANSION

Back Button S29CD032J Datasheet HTML 21Page - SPANSION S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION S29CD032J Datasheet HTML 28Page - SPANSION S29CD032J Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
23
Da ta
Shee t
(Prelim i nar y )
Figure 8.3 End of Burst Indicator (IND/WAIT#) Timing for Linear 8-Word Burst Operation
Note
Operation is shown for the 32-bit data bus. Figure shown with 3-CLK initial access delay configuration, linear address, 4-doubleword burst,
output on rising CLD edge, data hold for 1-CLK, IND/WAIT# asserted on the last transfer before wrap-around.
8.4.2
Initial Burst Access Delay
Initial Burst Access Delay is defined as the number of clock cycles that must elapse from the first valid clock
edge after ADV# assertion (or the rising edge of ADV#) until the first valid CLK edge when the data is valid.
Burst access is initiated and the address is latched on the first rising CLK edge when ADV# is active or upon
a rising ADV# edge, whichever comes first. The Initial Burst Access Delay is determined in the Configuration
Register (CR13-CR10). Refer to Table 8.5 for the initial access delay configurations under CR13-CR10. See
Figure 8.4 for the Initial Burst Delay Control timing diagram. Note that the Initial Access Delay for a burst
access has no effect on asynchronous read operations.
Table 8.3 Valid Configuration Register Bit Definition for IND/WAIT#
CR9
(DOC)
CR8
(WC)
CR6
(CC)
Definition
0
0
1
IND/WAIT# = VIL for 1-CLK cycle, Active on last transfer, Driven on rising CLK edge
01
1
IND/WAIT# = VIL for 1-CLK cycle, Active on second to last transfer, Driven on rising
CLK edge
CE#
CLK
ADV#
Addresses
OE#
Data
Address 1
Address 2
Invalid
D1
D2
D3
D0
Address 1 Latched
3 Clock Delay
IND/WAIT#
VIL
VIH
Table 8.4 Burst Initial Access Delay
CR13
CR12
CR11
CR10
Initial Burst Access (CLK cycles)
000
1
3
001
0
4
001
1
5
010
0
6
010
1
7
0
1
1
0
8
011
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com