Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 48 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 48 Page - SPANSION

Back Button S29CD032J Datasheet HTML 44Page - SPANSION S29CD032J Datasheet HTML 45Page - SPANSION S29CD032J Datasheet HTML 46Page - SPANSION S29CD032J Datasheet HTML 47Page - SPANSION S29CD032J Datasheet HTML 48Page - SPANSION S29CD032J Datasheet HTML 49Page - SPANSION S29CD032J Datasheet HTML 50Page - SPANSION S29CD032J Datasheet HTML 51Page - SPANSION S29CD032J Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
46
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
Caution
Entering standby mode via the RESET# pin also resets the device to read mode and floats the data I/O pins.
Furthermore, entering ICC7 during a program or erase operation leaves erroneous data in the address
locations being operated on at the time of the RESET# pulse. These locations require updating after the
device resumes standard operations. See Hardware RESET# Input Operation for further discussion of the
RESET# pin and its functions.
12.2
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The automatic sleep mode is
independent of the CE#, WE# and OE# control signals. While in sleep mode, output data is latched and
always available to the system.
While in asynchronous mode, the device automatically enables this mode when addresses remain stable for
tACC + 60 ns. Standard address access timings provide new data when addresses are changed. While in
synchronous mode, the device automatically enables this mode when either the first active CLK level is
greater than tACC or the CLK runs slower than 5 MHz. A new burst operation is required to provide new data.
ICC8 in Section 15.1, DC Characteristic, CMOS Compatible on page 48 represents the automatic sleep mode
current specification.
12.3
Hardware RESET# Input Operation
The RESET# input provides a hardware method of resetting the device to reading array data. When RESET#
is driven low, the device immediately terminates any operation in progress, tristates all outputs, resets the
configuration register, and ignores all read/write commands for the duration of the RESET# pulse. The device
also resets the internal state machine to reading array data. Any operation that was interrupted should be
reinitiated once the device is ready to accept another command sequence, in order to ensure data integrity.
When RESET# is held at VSS ±0.2 V, the device draws CMOS standby current (ICC4). If RESET# is held at
VIL but not within VSS ±0.2 V, the standby current is greater.
RESET# may be tied to the system reset circuitry, thus a system reset would also reset the Flash memory,
enabling the system to read the boot-up firmware from the Flash memory.
If RESET# is asserted during a program or erase operation, the RY/BY# pin remains low until the reset
operation is internally complete. This action requires between 1 µs and 7 µs for either Chip Erase or Sector
Erase. The RY/BY# pin can be used to determine whether the reset operation is complete. Otherwise, allow
for the maximum reset time of 11 µs.
If RESET# is asserted when a program or erase operation is not executing (RY/BY# = 1), the reset operation
completes within 500 ns. The Simultaneous Read/Write feature of this device allows the user to read a bank
after 500 ns if the bank is in the read/reset mode at the time RESET# is asserted. If one of the banks is in the
middle of either a program or erase operation when RESET# is asserted, the user must wait 11 µs before
accessing that bank.
Asserting RESET# active during VCC and VIO power up is required to guarantee proper device initialization
until VCC and VIO have reached steady state voltages.
12.4
Output Disable (OE#)
When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the high
impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com