Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
Weight
(g)
Grommet
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-F9G
D-F9H
7
37
61
Lead wire length
Precautions
Caution
Output signal turns on when no
magnetic force is detected.
Fix the auto switch with the existing screw
installed on the auto switch body. The auto
switch may be damaged if a screw other
than the one supplied is used.
Auto switch model
D-F9G
D-F9H
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø2.7
3 cores (Brown/Blue/Black)
ø0.91
0.15
ø0.08
17
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Normally Closed Solid State Auto Switch
Direct Mounting Type
D-F9G/D-F9H
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F9G, D-F9H (With indicator light)
D-F9G
NPN
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less at 10 mA load current)
D-F9H
PNP
—
80 mA or less
0.8 V or less
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
100
µA or less at 24 VDC
Red LED illuminates when detecting nothing.
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Dimensions
(mm)
M2.5 x 4 L
4
SMC
D-F9H
22
6
2
Slotted set screw
Indicator light
Most sensitive position
Auto switch model
1593
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com