Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Dimensions
Timer Operation
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Weight
Auto switch model
3 m (
L)
5 m (
Z)
(g)
(mm)
Lead wire length
D-F5NT
81
127
Auto switch model
D-F5NT
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø4
3 cores (Brown/Blue/Black)
ø1.22
0.3
ø0.08
24
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Solid State Auto Switch with Timer
Tie-rod Mounting Type
D-F5NT
Grommet
 With built-in OFF-delay timer
(approx. 200 ms)
 Easy intermediate detection
Detection of intermediate positioning for
high-speed cylinder
Detecting point dispersion occurs due to
response time of PLC (sequencer); e.g.
scanning.
Ex.) Cylinder speed — 1000 mm/sec.
PLC response time — 0.1 sec.
Detecting point dispersion — Within
100 mm (= 1000 mm/sec. x 0.1 sec.)
Take PLC response time into consider-
ation when using.
Switch detecting time
Switch output ON time
PLC response time
Switch operating
range (mm)
Cylinder speed (mm/s)
D-F5NT (With indicator light)
Auto switch model
Wiring type
Output type
Output operation
Operating time
Off-delay time
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F5NT
3-wire
NPN
Off-delay
1 ms or less
200
± 50 ms
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
28 VDC or less
40 mA or less
1.5 V or less (0.8 V or less at 10 mA)
100
µA or less at 24 VDC
Red LED illuminates when turned ON.
CE marking, RoHS
Auto Switch Specifications
Refer to SMC website for the details of
the products conforming to the
international standards.
PLC: Programmable Logic Controller
Indicator light
Mounting hole
Most sensitive position
1628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com