Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Made to Order Specifications:
Solid State Auto Switch
Refer to SMC website for the details of
the products conforming to the
international standards.
• Eliminates the harnessing work by cable with connector specifications
• Adopts global standardized connector (IEC947-5-2)
• IP67 construction
With Pre-wired Connector
1
How to Order
Cable length
Connector model
D M9N S A PC
Note) Type A is not
selectable for the
auto switch with
diagnostic output.
Connector Specifications
Solid state auto switch
Standard part no.
* For the applicable auto switch
model, refer to the table below.
1
3
4
1
2
4
3
1
2
3
4
Connector model
M8-3 pin
M8-4 pin
M12-4 pin
Pin arrangement
Conformed standard
JIS C 4524, JIS C 4525, IEC 947-5-2, NECA 0402
Impact resistance
300 m/s2
Enclosure
Only with screw tightened IP67 (IEC60529 standard)
Insulation resistance 100 M
Ω or more at 500 VDC measured via megohmmeter
Withstand voltage 1500 VAC 1 minute (between contacts), Leak current 1 mA or less
A
M8-3 pin
B
M8-4 pin
D
M12-4 pin
S
0.5 m
M
1.0 m
Applicable Auto Switch
For details on the D-P3DWA series magnetic field resistant auto switch, refer to page 1632. And for details on the D-P4DW series, refer to page 1634.
Connector pin arrangement
4-wire
2-wire
3-wire
Mounting
Function
Applicable model
Rail
mounting
type
—
J79, F7BV
2-color indicator
J79W, F7BWV
Water resistant
F7BA, F7BAV
Band
mounting
type
—
H7B
K59
2-color
indicator
H7BW
K59W
Water
resistant
H7BA
G5BA
Tie-rod
mounting
type
—
J59
2-color indicator
J59W
Water resistant
F5BA
Direct
mounting
type
—
Y59B, Y69B
M9B, M9BV
F8B
Normally
closed
M9BE, M9BEV
2-color
indicator
Y7BW, Y7BWV
M9BW, M9BWV
Water
resistant
Y7BA
M9BA, M9BAV
Hygienic
F6B
Rotary
actuator
—
T791/2
T991/2, T99V1/2
Mounting
Function
Applicable model
Rail
mounting
type
—
F79, F7P, F7NV, F7PV
2-color indicator
F79W, F7PW, F7NWV
With timer
F7NT
Band
mounting
type
—
H7A1, H7A2
G59, G5P
2-color
indicator
H7NW, H7PW
G59W, G5PW
With timer
G5NT
Tie-rod
mounting
type
—
F59, F5P
2-color indicator
F59W, F5PW
With timer
F5NT
Direct
mounting
type
—
Y59A,Y7P,Y69A,Y7PV
M9N, M9P, M9NV, M9PV
F8N, F8P
Normally
closed
Y7G,Y7H
F9G, F9H
M9NE, M9PE, M9NEV, M9PEV
2-color
indicator
Y7NW,Y7PW,Y7NWV,Y7PWV
M9NW, M9PW, M9NWV, M9PWV
Water resistant
M9NA, M9NAV, M9PA, M9PAV
Hygienic
F6N, F6P
Rotary
actuator
—
S791/2, S7P1/2
S991/2, S9P1/2, S99V1/2
Mounting
Function
Applicable model
Rail
mounting
type
Direct
mounting
type
F79F
Band
mounting
type
H7NF
G59F
Tie-rod
mounting
type
F59F
Note) M8-3 pins are not selectable for the 4-wire
auto switch.
Sensor
type
Meaning of contact number
1 pin
2 pin
3 pin
4 pin
2-wire
OUT(+)
—
—
OUT(−)
3-wire
DC(+)
—
DC(−)
OUT
4-wire
DC(+)
Diagnostic output
DC(−)
OUT
Note1) For details on the D-P3DWASC and
D-P3DWASE, refer to page 1630. And for
details on the D-P4DWSC and
D-P4DWSE, refer to page 1634.
Note2) For details on the pin arrangement, refer to
the pin arrangement in the connector
specifications above.
1648
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com