Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Indicator light
Slotted set screw (flat point)
Mounting screw M2.5 x 4 L Stainless steel
2
24
500(1000)(3000)(5000)
6 Most sensitive position
4
4
Indicator light
Slotted set screw (flat point)
Mounting screw M2.5 x 4 L Stainless steel
2
22
8
ø2.6
6 Most sensitive position
ø2.6
SMC
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Grommet
 Water (coolant) resistant type
 2-wire load current is reduced
(2.5 to 40 mA).
 The proper operating range can
be determined by the color of
the light. (Red
→ Green ← Red)
 Using flexible cable as standard
spec.
RoHS
2 cores (Brown/Blue)
Auto switch model
D-M9NA
 D-M9NAV D-M9PA D-M9PAV D-M9BA D-M9BAV
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm]
2.6
0.88
17
0.15
0.05
Oilproof Flexible Heavy-duty Lead Wire Specifications
Water Resistant 2-Color Indicator
Solid State Auto Switch: Direct Mounting Type
D-M9NA(V)/D-M9PA(V)/D-M9BA(V)
Precautions
Caution
Fix the auto switch with the existing screw
installed on the auto switch body. The auto
switch may be damaged if a screw other
than the one supplied is used.
Please consult with SMC if using coolant
liquid other than water based solution.
Auto switch model
Electrical entry direction
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-M9NAV
D-M9NA
D-M9BA D-M9BAV
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
2.5 to 40 mA
4 V or less
0.8 mA or less
D-M9PAV
D-M9PA
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 V)
10 mA or less
40 mA or less
0.8 V or less at 10 mA (2 V or less at 40 mA)
100
µA or less at 24 VDC
In-line
Perpendicular
In-line
Perpendicular
In-line
Perpendicular
NPN
PNP
CE marking (EMC directive/RoHS directive)
28 VDC or less
—
D-M9
A, D-M9AV (With indicator light)
Auto Switch Specifications
PLC: Programmable Logic Controller
Weight
(g)
Auto switch model
0.5 m (
Nil)
1 m (
M)
3 m (
L)
5 m (
Z)
D-M9NA(V)
8
14
41
68
D-M9PA(V) D-M9BA(V)
7
13
38
63
Lead
wire
length
Dimensions
D-M9
A
D-M9
AV
(mm)
1619
D-
D-
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com