Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
 Polarity: Non-polar
Magnetic Field Resistance
Dimensions
If the current of the AC welding machine is 16000 A or lower, the auto switch can be used, even if
the distance between the welding conductor (gun cable) and the cylinder or switch is 0 mm.
Please contact SMC when the AC welding current exceeds 16000 A.
(mm)
Weight
Auto switch model
3 m (
L)
5 m (
Z)
(g)
Lead wire length
D-P4DW
150
244
Auto switch model
D-P4DW
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø6
2 cores (Brown/Blue)
ø1.92
0.5
ø0.08
36
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Magnetic Field Resistant
2-Color Indicator Solid State Auto Switch
D-P4DW
Grommet
 It is possible to use in an
environment which generates
a magnetic field disturbance
(AC magnetic field).
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
Precautions
Caution
For single-phase AC welding machines.
Not applicable for DC inverter welding
machines (including rectifying type) and or
condenser type welding.
Auto switch model
Applicable load
Load voltage
Load current
Internal voltage drop
Leakage current
Operating time
Indicator light
Standard
24 VDC relay, PLC
24 VDC (20 to 28 VDC)
6 to 40 mA or less
5 V or less
1 mA or less at 24 VDC
40 ms or less
CE marking (EMC directive/RoHS directive)
D-P4DW (With indicator light)
D-P4DW
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
13
32
4
6
D-P4DW (24 VDC)
2 x ø3.5 mounting hole
Indicator light
Most sensitive position
1635
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com