Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 88Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 92Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Auto Switch Internal Circuit
D-B30
Heat Resistant Reed Auto Switch
D-B30(J)/31(J)/35(J)
D-B31
D-B35
Auto switch model
None
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
190
—
—
—
D-B30
—
250
268
462
D-B30J
190
—
—
—
D-B31
—
250
268
462
D-B31J
190
—
—
—
D-B35
—
250
268
462
D-B35J
Lead wire
length
Can be used outdoors or under
high temperature (Max. 120
°C).
Wide operating range (double
that of other SMC products)
enables stable position
detection.
High temperature environment such
as places around ignited gas outlet
or furnace
Outdoor plants and environment
with high temperature and humidity
Environment for steam cleaning or
high temperature sterilization
Applications requiring wide
operating range such as clamping of
elastic work pieces
Use of metal case and heat resistant
materials.
The construction prevents influence of
external environment by sealing the auto
switch internal parts to improve heat
resistance.
The wide operating range allows easy
position setting and reduces influence of the
work piece position changes.
Auto switch model
D-B30J
D-B31J
D-B35J
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø6
2 cores (Brown/Blue)
ø2.3
0.5
ø0.08
48 (Room temperature)
Oilproof Heavy-duty Lead Wire Specifications
Lead wire minimum bending radius [mm] (Reference values)
Weight
(g)
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto switch model
Electrical entry
Operating voltage
Operating current range
Internal voltage drop
Indicator light
Applicable load
Shock resistance
Leakage current
Lead wire
Enclosure
Withstand voltage
Insulation resistance
Operating temperature range
Standard
D-B30
D-B30J
D-B31
D-B31J
D-B35
D-B35J
24 VDC / 100 VAC
5 to 30 mADC / 5 to 20 mAAC
2.5 V or less
Without indicator light
0.1 mA or less
100 VAC
5 to 20 mAAC
2.5 V or less
Neon bulb lights up when OFF
PLC (Programmable Logic Controller)
300 m/s2
1 mA or less
24 VDC
5 to 30 mADC
2.0 V or less
Red LED lights up when OFF
1 mA or less
Terminal
conduit
Grommet
Terminal
conduit
Grommet
Terminal
conduit
Grommet
Terminal conduit : IEC60529 IP64
Grommet
: IEC60529 IP67
1500 VAC for 1 minute (between case and terminals or lead wires)
50 M
Ω or larger between case (ground) and lead wires (terminals)
–10C to 120C
CE marking
—
0.5 m
—
0.5 m
—
0.5 m
Lead wire length
In case of the grommet type (J type), the lead wire length is 0.5 m.
(No lead wire is attached to the terminal conduit type.)
Manufacture of 3 m and 5 m types is also possible. Please consult SMC for these types.
Neon bulb
Current limiting
resistance
Reed switch
Contacts protection resistance
()
()
Light emitting
diode (LED)
Diode
Current limiting
resistance
Reed switch Contactsprotectionresistance
(+)
(–)
()
()
Reed switch
Contacts protection resistance
1671
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com