Electronic Components Datasheet Search
  English  ▼

X  

IP-10 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP-10
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-10 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP-10 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP-10 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Terminal conduit
RoHS
Solid State Auto Switch
Tie-rod Mounting Type
D-G39C/D-K39C
D-G39C, D-K39C (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Current leakage
Indicator light
Standard
D-G39C
3-wire
NPN
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less
at 10 mA of load current)
100
µA or less at 24 VDC
D-K39C
2-wire
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
Note) Refer to page 1584 for solid state auto switch common specifications.
Red LED illuminates when turned ON.
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto switch model
Applicable bore size (mm)
Weight
40
50
63
80
100
162
166
184
210
232
D-G39C-4, K39C-4
D-G39C-5, K39C-5
D-G39C-6, K39C-6
D-G39C-8, K39C-8
D-G39C-10, K39C-10
Weight
(g)
Dimensions
(mm)
Dimensions
Auto switch model
D-G39C-4, D-K39C-4
D-G39C-5, D-K39C-5
D-G39C-6, D-K39C-6
D-G39C-8, D-K39C-8
D-G39C-10, D-K39C-10
C
44
52
64
78
92
HW
69
77
91
107
121
H
57
58
60.5
64
67
H´
49.5
50.5
52
53.5
56.5
T
7.5
8.5
10.5
12.5
15.5
T´
6.5
6.5
7.5
9.5
9.5
Applicable bore
size (mm)
40
50
63
80
100
Z
M5 x 0.8 x 16
M5 x 0.8 x 20
M5 x 0.8 x 25
2 x M5 x 0.8 x 12
Hexagon socket head cap bolt
Tightening gland
G (PF) 1/2
4 x Z
(Applicable cable O.D.
ø6.8 to ø9.6)
Indicator light
Most sensitive position
Hexagon socket
head cap bolt
1. Use cable whose O.D. is within the size in
the figure to maintain water resistant
performance.
2. After wiring, confirm that tightening gland
and all screws are tightened.
Precautions
Caution
1606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com