Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 4 Page - ON Semiconductor

  DH321 Datasheet HTML 1Page - ON Semiconductor DH321 Datasheet HTML 2Page - ON Semiconductor DH321 Datasheet HTML 3Page - ON Semiconductor DH321 Datasheet HTML 4Page - ON Semiconductor DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (Ta = 25
°C unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SENSEFET SECTION
IDSS
Zero−Gate Voltage Drain Current
VDS = 650 V, VGS = 0 V
−
−
25
mA
VDS = 520 V, VGS = 0 V, TC = 125°C
−
−
200
mA
RDS(ON)
Drain−Source On−State Resistance
VGS = 10 V, ID = 0.5 A
−
14
19
W
gfs
Forward Trans−Conductance (Note 8)
VDS = 50 V, ID = 0.5 A
1.0
1.3
−
S
CISS
Input Capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
−
162
−
pF
COSS
Output Capacitance
−
18
−
CRSS
Reverse Transfer Capacitance
−
3.8
−
td(on)
Turn−On Delay Time
VDS = 325 V, ID = 1.0 A
−
9.5
−
ns
tr
Rise Time
−
19
−
td(off)
Turn−Off Delay Time
−
33
−
tf
Fall Time
−
42
−
Qg
Total Gate Charge
VGS = 10 V, ID = 1.0 A, VDS = 325 V
−
7.0
−
nC
Qgs
Gate−Source Charge
−
3.1
−
Qgd
Gate−Drain (Miller) Charge
−
0.4
−
CONTROL SECTION
fOSC
Switching Frequency
FSDH321
90
100
110
KHz
DfMOD
Switching Frequency Modulation
±2.5
±3.0
±3.5
fOSC
Switching Frequency
FSDL321
45
50
55
KHz
DfMOD
Switching Frequency Modulation
±1.0
±1.5
±2.0
DfOSC
Switching Frequency Variation (Note 9)
−25
°C ≤ Ta ≤ 85°C
−
±5
±10
%
DMAX
Maximum Duty Cycle
FSDH321
62
67
72
%
FSDL321
71
77
83
VSTART
UVLO Threshold Voltage
VFB = GND
11
12
13
V
VSTOP
VFB = GND
7
8
9
IFB
Feedback Source Current
VFB = GND
0.7
0.9
1.1
mA
tS/S
Internal Soft Start Time
VFB = 4 V
10
15
20
ms
BURST MODE SECTION
VBURH
Burst Mode Voltage
TJ = 25°C
0.4
0.5
0.6
V
VBURL
TJ = 25°C
0.25
0.35
0.45
V
VBUR(HYST)
Hysteresis
−
150
−
mV
PROTECTION SECTION
ILIM
Peak Current Limit
TJ = 25°C, Di/Dt = 250 mA/ms
0.6
0.7
0.8
A
tCLD
Current Limit Delay Time (Note 10)
TJ = 25°C
−
600
−
ns
TSD
Thermal Shutdown Temperature
(Note 10)
125
140
−
°C
VSD
Shutdown Feedback Voltage
5.5
6.0
6.5
V
VOVP
Over Voltage Protection
18
19
20
V
IDELAY
Shutdown Delay Current
VFB = 4 V
3.5
5.0
6.5
mA
tLEB
Leading Edge Blanking Time
200
−
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com