Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 3 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 3 Page - ON Semiconductor

  DH321 Datasheet HTML 1Page - ON Semiconductor DH321 Datasheet HTML 2Page - ON Semiconductor DH321 Datasheet HTML 3Page - ON Semiconductor DH321 Datasheet HTML 4Page - ON Semiconductor DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
3
Table 2. PIN DEFINITIONS
Pin Number
Pin Name
Pin Function Description
1
GND
SENSEFET source terminal on primary side and internal control ground.
2
Vcc
Positive supply voltage input. Although connected to an auxiliary transformer winding, current is sup-
plied from pin 5 (Vstr) via an internal switch during startup (see Internal Block Diagram section). It is
not until Vcc reaches the UVLO upper threshold (12 V) that the internal start−up switch opens and
device power is supplied via the auxiliary transformer winding.
3
Vfb
The feedback voltage pin is the non−inverting input to the PWM comparator. It has a 0.9 mA current
source connected internally while a capacitor and optocoupler are typically connected externally.
A feedback voltage of 6 V triggers over load protection (OLP). There is a time delay while charging
external capacitor Cfb from 3 V to 6 V using an internal 5
mA current source. This time delay prevents
false triggering under transient conditions, but still allows the protection mechanism to operate under
true overload conditions.
4
Ipk
This pin adjusts the peak current limit of the SENSEFET. The feedback 0.9 mA current source is di-
verted to the parallel combination of an internal 2.8 k
W resistor and any external resistor to GND on
this pin to determine the peak current limit. If this pin is tied to Vcc or left floating, the typical peak
current limit will be 0.7 A.
5
Vstr
This pin connects directly to the rectified AC line voltage source. At start up the internal switch sup-
plies internal bias and charges an external storage capacitor placed between the Vcc pin and ground.
Once the Vcc reaches 12 V, the internal switch is opened.
6, 7, 8
Drain
The drain pins are designed to connect directly to the primary lead of the transformer and are capable
of switching a maximum of 650 V. Minimizing the length of the trace connecting these pins to the
transformer will decrease leakage inductance.
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C, unless otherwise specified)
Symbol
Parameter
Ratings
Unit
VDRAIN
Drain Pin Voltage
650
V
VSTR
Vstr Pin Voltage
650
V
VDG
Drain−Gate Voltage
650
V
VGS
Gate−Source Voltage
±20
V
IDM
Drain Current Pulsed (Note 4)
1.5
A
ID
Continuous Drain Current (TC = 25°C)
0.7
A
Continuous Drain Current (TC = 100°C)
0.32
EAS
Single Pulsed Avalanche Energy (Note 5)
10
mJ
VCC
Supply Voltage
20
V
VFB
Feedback Voltage Range
−0.3 to VCC
V
PD
Total Power Dissipation
1.40
W
TJ
Operating Junction Temperature
Internally limited
°C
TA
Operating Ambient Temperature
−25 to 85
°C
TSTG
Storage Temperature
−55 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
4. Repetitive rating: Pulse width is limited by maximum junction temperature
5. L = 24 mH, TJ = 25°C
THERMAL CHARACTERISTICS (Ta = 25
°C, unless otherwise specified)
Symbol
Parameter
Ratings
Unit
8DIP
qJA
Junction−to−Ambient Thermal (Note 6)
88.84
°C/W
qJC
Junction−to−Case Thermal (Note 7)
13.94
°C/W
NOTE:
All items are tested with the standards JESD 51−2 and 51−10 (DIP).
6. Free standing with no heatsink; without copper clad
Measurement condition: Just before junction temperature TJ enters into OTP
7. Measured on the DRAIN pin close to plastic interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com