Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 2 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 2 Page - ON Semiconductor

  DH321 Datasheet HTML 1Page - ON Semiconductor DH321 Datasheet HTML 2Page - ON Semiconductor DH321 Datasheet HTML 3Page - ON Semiconductor DH321 Datasheet HTML 4Page - ON Semiconductor DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
2
ORDERING INFORMATION
Product Number
Package
Marking Code
BVDSS
fOSC
RDS(ON)
Shipping
FSDH321
8DIP
DH321
650 V
100 KHz
14
W
3000 / Tube
FSDL321
8DIP
DL321
650 V
50 KHz
14
W
3000 / Tube
Table 1. OUTPUT POWER TABLE
Product
230VAC
+15%
(Note 3)
85−265VAC
Adapter
(Note 1)
Open
Frame
(Note 2)
Adapter
(Note 1)
Open
Frame
(Note 2)
FSDL321
11 W
17 W
8 W
12 W
FSDH321
11 W
17 W
8 W
12 W
1. Typical continuous power in a non−ventilated enclosed adapter
with sufficient drain pattern as a heat sinker, at 50
°C ambient.
2. Maximum practical continuous power in an open frame design
with sufficient drain pattern as a heat sinker, at 50
°C ambient.
3. 230 VAC or 100/115 VAC with doubler.
Figure 1. Typical Flyback Application
AC
IN
+
+
+
Ipk
Vstr
Drain
Vfb
Vcc
Source
DC
OUT
PWM
Figure 2. Functional Block Diagram of FSDx321
Vfb
Ipk
3
4
+
−
+
−
+
−
+
−
VBURH
VBURL/VBURH
Vcc
Vcc
IDELAY
IFB
VSD
Vcc
Vovp
TSD
2.5R
R
Burst
Normal
Vcc good
Vcc
Vcc
Vstr
Drain
+
−
Vcc good
Vref
Internal
Bias
2
5
6,7,8
1 GND
Vocp
+
−
PWM
8 V/12 V
IBUR(pk)
Freq.
Modulation
ICH
OSC
LEB
Gate
Driver
+
−
+
S
R
Q
Q
S
R
Q
Q
Soft
Start
AOCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com