Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 13 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor DH321 Datasheet HTML 10Page - ON Semiconductor DH321 Datasheet HTML 11Page - ON Semiconductor DH321 Datasheet HTML 12Page - ON Semiconductor DH321 Datasheet HTML 13Page - ON Semiconductor DH321 Datasheet HTML 14Page - ON Semiconductor DH321 Datasheet HTML 15Page - ON Semiconductor DH321 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
13
Figure 27. Transformer Schematic Diagram
p/2
N
a
1
2
3
4
5
6
7
8
N
5V
N
M Vcc
9
10
N
p/2
N
a
N
M Vcc
N
5V
N
p/2
N
p/2
N
Table 5. WINDING SPECIFICATION
Pin (S
" F)
Wire
Turns
Winding Method
Np/2
3
→ 2
0.15
ϕ × 1
80
Solenoid Winding
Insulation: Polyester Tape t = 0.050 mm, 3 Layers
N5V
10
→ 7
0.55
ϕ × 1
12
Solenoid Winding
Insulation: Polyester Tape t = 0.050 mm, 3 Layers
NMVcc
4
→ 6
0.20
ϕ × 1
40
Solenoid Winding
Insulation: Polyester Tape t = 0.050 mm, 3 Layers
NP/2
2
→ 1
0.15
ϕ × 1
80
Solenoid Winding
Insulation: Polyester Tape t = 0.050 mm, 3 Layers
Na
5
→ 6
0.20
ϕ × 1
34
Solenoid Winding
Outer Insulation: Polyester Tape t = 0.050 mm, 3 Layers
Table 6. ELECTRICAL CHARACTERISTICS
Pin
Spec.
Remark
Inductance
1−3
1.8 mH
1 kHz, 1 V
Leakage
1−3
100
mH
2nd side all short
Core & Bobbin
Core: EER1625
Bobbin: EER1625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com