Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 5 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 5 Page - ON Semiconductor

  DH321 Datasheet HTML 1Page - ON Semiconductor DH321 Datasheet HTML 2Page - ON Semiconductor DH321 Datasheet HTML 3Page - ON Semiconductor DH321 Datasheet HTML 4Page - ON Semiconductor DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (Ta = 25
°C unless otherwise noted) (continued)
Symbol
Unit
Max
Typ
Min
Condition
Parameter
TOTAL DEVICE SECTION
IOP
Operating Supply Current (control part
only)
VCC = 14 V, VFB = 0 V
1
3
5
mA
ICH
Start−Up Charging Current
VCC = 0 V
0.7
0.85
1.0
mA
VSTR
Vstr Supply Voltage
VCC = 0 V
35
−
−
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Pulse test: Pulse width
≤ 300us, duty ≤ 2%
9. These parameters, although guaranteed, are tested in EDS (wafer test) process
10. These parameters, although guaranteed, are not 100% tested in production
Table 3. COMPARISON BETWEEN FSDM311 AND FSDx321
Function
FSDM311
FSDx321
FSDx321 Advantages
Soft−Start
15 ms
15 ms
(same for both devices)
S Gradually increasing current limit during soft−start
further reduces peak current and voltage stresses
S Eliminates external components used for soft−start
in most applications
S Reduces or eliminates output overshoot
External Current Limit
not applicable
Programmable of
default current limit
S Smaller transformer
S Allows power limiting (constant over−load power)
S Allows use of larger device for lower losses and
higher efficiency
Frequency Modulation
not applicable
±3.0 KHz @ 100 KHz
±1.5 KHz @ 50 KHz
S Reduces conducted EMI
Burst Mode Operation
Built into controller
Built into controller
(same for both devices)
S Improves light load efficiency
S Reduces power consumption at no−load
S Transformer audible noise reduction
Drain Creepage
at Package
7.62 mm
7.62 mm
(same for both devices)
S Greater immunity to arcing provoked by dust, debris
and other contaminants



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com