Electronic Components Datasheet Search
  English  ▼

X  

DH321 Datasheet(PDF) 9 Page - ON Semiconductor

Part # DH321
Description  Green Mode Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DH321 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button DH321 Datasheet HTML 5Page - ON Semiconductor DH321 Datasheet HTML 6Page - ON Semiconductor DH321 Datasheet HTML 7Page - ON Semiconductor DH321 Datasheet HTML 8Page - ON Semiconductor DH321 Datasheet HTML 9Page - ON Semiconductor DH321 Datasheet HTML 10Page - ON Semiconductor DH321 Datasheet HTML 11Page - ON Semiconductor DH321 Datasheet HTML 12Page - ON Semiconductor DH321 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FSDH321, FSDL321
www.onsemi.com
9
Figure 16. Over Load Protection (OLP)
Over Load Protection
VFB
6 V
3 V
t1
t2
t
t
12 + CFB
V(t
2) * V(t1)
I
DELAY
t
12 + CFB
V(t
2) * V(t1)
I
DELAY
;I
DELAY + 5 mA, V(t1) + 3V, V(t2) + 6V
Thermal Shutdown (TSD)
The SENSEFET and the control IC are integrated, making
it easier for the control IC to detect the temperature of the
SENSEFET. When the temperature exceeds approximately
145
°C, thermal shutdown is activated.
Abnormal Over Current Protection (AOCP)
Even though the power switch has OLP (Over Load
Protection) and current mode PWM feedback, these are not
enough to protect the power switch when a secondary side
diode short or a transformer pin short occurs. In addition to
start−up, soft−start is also activated at each restart attempt
during auto−restart and when restarting after latch mode is
activated. The power switch has an internal AOCP
(Abnormal Over Current Protection) circuit, as shown in
Figure 17. When the gate turn−on signal is applied to the
power SENSEFET, the AOCP block is enabled and
monitors the current through the sensing resistor. The
voltage across the resistor is then compared with a preset
AOCP level. If the sensing resistor voltage is greater than the
AOCP level, pulse−by−pulse AOCP is triggered regardless
of uncontrollable LEB time. Here, pulse−by−pulse AOCP
stops the SENSEFET within 350 ns after it is activated.
Figure 17. Abnormal Over Current Protection
(AOCP)
Vsense
V
FB,in
Gate Driver
Rsense
CLK
Drain
V
AOCP
LEB
R
S
PWM
COMPARATOR
Q
AOCP
COMPARATOR
Over Voltage Protection (OVP)
In the event of a malfunction in the secondary side
feedback circuit, or an open feedback loop caused by a
soldering defect, the current through the opto−coupler
transistor becomes almost zero (refer to Figure 15). Then,
VFB climbs up in a similar manner to the over load situation,
forcing the preset maximum current to be supplied to the
SMPS until the over load protection is activated. Because
excess energy is provided to the output, the output voltage
may exceed the rated voltage before the over load protection
is activated, resulting in the breakdown of the devices in the
secondary side. In order to prevent this situation, an over
voltage protection (OVP) circuit is employed. In general,
VCC is proportional to the output voltage and the power
switch uses VCC instead of directly monitoring the output
voltage. If VCC exceeds 19 V, OVP circuit is activated
resulting in termination of the switching operation. In order
to avoid undesired activation of OVP during normal
operation, Vcc should be properly designed to be below
19 V.
Soft Start
The power switch has an internal soft start circuit that
slowly increases the feedback voltage together with the
SENSEFET current after it starts up. The typical soft start
time is 15 ms, as shown in Figure 18, where progressive
increments of the SENSEFET current are allowed during the
start−up phase. The pulse width to the power switching
device is progressively increased to establish the correct
working conditions for transformers, inductors, and
capacitors. The voltage on the output capacitors is
progressively increased with the intention of smoothly
establishing the required output voltage. It also helps to
prevent transformer saturation and reduce the stress on the
secondary diode.
Figure 18. Soft Start Function
0.7 A
0.4 A
Drain Current
1ms
15 steps
Current limit
t
Burst Operation
In order to minimize power dissipation in standby mode,
the power switch enters burst mode operation. As the load
decreases, the feedback voltage decreases. As shown in
Figure 19, the device automatically enters burst mode when
the feedback voltage drops below VBURH (500 mV).
Switching still continues but the current limit is set to a fixed
limit internally to minimize flux density in the transformer.
The fixed current limit is larger than that defined by VFB =
VBURH and therefore, VFB is driven down further.
Switching continues until the feedback voltage drops below
VBURL (350 mV). At this point switching stops and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com